Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 1 Page - Texas Instruments

  THS4271 Datasheet HTML 1Page - Texas Instruments THS4271 Datasheet HTML 2Page - Texas Instruments THS4271 Datasheet HTML 3Page - Texas Instruments THS4271 Datasheet HTML 4Page - Texas Instruments THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DGK-8
DGN-8
D-8
DRB-8
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
8
7
6
5
NC
IN-
IN+
VS-
NC
VS+
VOUT
NC
THS4211
APPLICATIONS
RELATED DEVICES
_
+
392
Ω
+5 V
49.9
Ω
VI
-5 V
50
Ω Source
Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
VO
392
Ω
50
Ω
THS4211
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Gain = 2
Rf = 392 Ω
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
HD2
HD3
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
•
Unity Gain Stability
The THS4211 and THS4215 are high slew rate, unity
gain stable voltage feedback amplifiers designed to
•
Wide Bandwidth: 1 GHz
run from supply voltages as low as 5 V and as high
•
High Slew Rate: 970 V/µs
as 15 V. The THS4215 offers the same performance
•
Low Distortion
as the THS4211 with the addition of power-down
– –90 dBc THD at 30 MHz
capability. The combination of high slew rate, wide
bandwidth, low distortion, and unity gain stability
– 130 MHz Bandwidth (0.1 dB, G = 2)
make the THS4211 and THS4215 high performance
– 0.007% Differential Gain
devices across multiple ac specifications.
– 0.003
° Differential Phase
Designers using the THS4211 are rewarded with
•
High Output Drive, IO = 200 mA
higher dynamic range over a wider frequency band
•
Excellent Video Performance
without the stability concerns of decompensated
amplifiers. The devices are available in SOIC, MSOP
– 130 MHz Bandwidth (0.1 dB, G = 2)
with
PowerPAD™,
and
leadless
MSOP
with
– 0.007% Differential Gain
PowerPAD packages.
– 0.003
° Differential Phase
•
Supply Voltages
– +5 V,
±5 V, +12 V, +15 V
•
Power Down Functionality (THS4215)
•
Evaluation Module Available
•
High Linearity ADC Preamplifier
•
Differential to Single-Ended Conversion
DEVICE
DESCRIPTION
•
DAC Output Buffer
THS4271
1.4 GHz voltage feedback amplifier
•
Active Filtering
THS4503
Wideband fully differential amplifier
•
Video Applications
THS3202
Dual, wideband current feedback amplifier
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4271

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4271 TI-THS4271 Datasheet
1Mb / 38P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
THS4271 TI-THS4271 Datasheet
1Mb / 40P
LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4271 TI1-THS4271 Datasheet
1Mb / 37P
2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
THS4271-EP TI1-THS4271-EP Datasheet
1Mb / 44P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FEEDBACK AMPLIFIER
THS4271D TI-THS4271D Datasheet
1Mb / 38P
LOW NOISE, HIGH SLEW RATE, UNITY GAIN STABLE VOLTAGE FREEBACK AMPLIFIER
More results

Similar Description - THS4271

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com