Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
www.ti.com
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
10
100
1000
RL - Load Resistance - Ω
TA = -40 to 85°C
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
t - Time - ns
Rising Edge
Falling Edge
Gain = -1
RL = 499 Ω
Rf = 392 Ω
f= 1 MHz
VS = 5 V
10
12
14
16
18
20
22
2.5
3
3.5
4
4.5
5
TA = -40°C
VS - Supply Voltage - ±V
TA = 85°C
TA = 25°C
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
100 k
1 M
10 M
100 M
1 G
Capacitive Load - Hz
R(ISO) = 15 Ω
CL = 50 pF
VS = 5 V
R(ISO) = 10 Ω
CL = 100 pF
R(ISO) = 25 Ω, CL = 10 pF
60
65
70
75
80
85
90
2.5
3
3.5
4
4.5
5
Case Temperature -
°C
TA = -40°C
TA = 85°C
TA = 25°C
80
-10
0
10
20
30
40
50
60
70
10 k
100 k
1 M
10 M
100 M
1 G
0
20
40
60
80
100
120
160
180
f - Frequency - Hz
VS = 5 V
140
0
10
20
30
40
50
60
70
80
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Case Temperature -
°C
VS = 5 V
PSRR-
CMMR
PSRR+
0
10
20
30
40
50
60
70
100 k
1 M
10 M
100 M
1 G
CMRR
VS = 5 V
f - Frequency - Hz
PSRR+
PSRR-
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1
2
3
4
5
Input Common-Mode Voltage Range - V
VS = 5 V
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
TYPICAL CHARACTERISTICS (5 V Graphs) (continued)
QUIESCENT CURRENT
OUTPUT VOLTAGE
vs
vs
SETTLING TIME
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 57.
Figure 58.
Figure 59.
FREQUENCY RESPONSE
OPEN-LOOP GAIN AND PHASE
OPEN-LOOP GAIN
vs
vs
vs
CAPACITIVE LOAD
FREQUENCY
CASSE TEMPERATURE
Figure 60.
Figure 61.
Figure 62.
REJECTION RATIOS
REJECTION RATIOS
COMMON-MODE REJECTION RATIO
vs
vs
vs
FREQUENCY
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
Figure 63.
Figure 64.
Figure 65.
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com