Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 32 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 28Page - Texas Instruments THS4271 Datasheet HTML 29Page - Texas Instruments THS4271 Datasheet HTML 30Page - Texas Instruments THS4271 Datasheet HTML 31Page - Texas Instruments THS4271 Datasheet HTML 32Page - Texas Instruments THS4271 Datasheet HTML 33Page - Texas Instruments THS4271 Datasheet HTML 34Page - Texas Instruments THS4271 Datasheet HTML 35Page - Texas Instruments THS4271 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
www.ti.com
ADDITIONAL REFERENCE MATERIAL
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
Figure 102. THS4211 Unity Gain EVM Board
Figure 104. THS4211 Unity Gain EVM
Layout (Second Layer, Ground)
Board Layout (Bottom Layer)
Computer simulation of circuit performance using
SPICE is often useful when analyzing the perform-
ance of analog circuits and systems. This is particu-
larly true for video and RF amplifier circuits, where
parasitic capacitance and inductance can have a
major effect on circuit performance. A SPICE model
for the THS4500 family of devices is available
through the Texas Instruments web site (www.ti.com).
The Product Information Center (PIC) is available for
design assistance and detailed product information.
These
models
do
a
good
job
of
predicting
small-signal ac and transient performance under a
wide variety of operating conditions. They are not
intended to model the distortion characteristics of the
amplifier, nor do they attempt to distinguish between
the package types in their small-signal ac perform-
ance. Detailed information about what is and is not
modeled is contained in the model file itself.
•
PowerPAD
Made
Easy,
application
brief
(SLMA004)
•
PowerPAD Thermally Enhanced Package, techni-
cal brief (SLMA002)
Figure 103. THS4211 Unity Gain EVM Board
Layout (Third Layer, Power)
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com