Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 16 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
www.ti.com
-100
-95
-90
-85
-80
-75
-70
-65
-60
0
0.5
1
1.5
2
2.5
VO - Output Voltage Swing - V
HD2
HD3
Gain = 1
RL = 150 Ω, and 499 Ω,
f = 8 MHz
VS = 5 V
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5
1
1.5
2
2.5
VO - Output Voltage Swing - V
HD2
HD3
Gain = 2
Rf = 392 Ω
RL = 150 Ω and 499 Ω
f = 8 MHz
VS = 5 V
VO - Output Voltage Swing - V
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
0
0.5
1
1.5
2
2.5
HD2
HD3
Gain = 1
RL = 150 Ω, and 499 Ω,
f = 32 MHz
VS = 5 V
VO - Output Voltage Swing - V
HD2
HD3
Gain = 2
Rf = 392 Ω
RL = 150 Ω and 499 Ω
f = 32 MHz
VS = 5 V
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
0.5
1
1.5
2
2.5
30
35
40
45
50
0
10
20
30
40
50
60
70
80
f - Frequency - MHz
Gain = 1
RL = 150 Ω
VS = 5 V
200 kHz Tone Spacing
VO = 2VPP
VO = 1VPP
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
10
100
f - Frequency - MHz
Gain = 1
RL = 150 Ω
VS = 5 V
200 kHz Tone
Spacing
VO = 2VPP
VO = 1VPP
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
1
10
100
Vn
In
f - Frequency - Hz
-100
-90
-80
-70
-60
-50
-40
-30
10
100
f - Frequency - MHz
Gain = 1
RL = 150 Ω
VS = 5 V
200 kHz Tone
Spacing
VO = 2 VPP
VO = 1 VPP
10
15
20
25
30
35
40
45
50
0
20
40
60
80
100
f - Frequency - MHz
Gain = 2
RL = 150 Ω
VS = 5 V
200 kHz Tone Spacing
VO = 2 VPP
VO = 1 VPP
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
TYPICAL CHARACTERISTICS (5 V Graphs) (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 48.
Figure 49.
Figure 50.
THIRD ORDER INTERMODULATION
THIRD ORDER OUTPUT INTERCEPT
HARMONIC DISTORTION
DISTORTION
POINT
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 51.
Figure 52.
Figure 53.
THIRD ORDER INTERMODULATION
THIRD ORDER OUTPUT INTERCEPT
DISTORTION
POINT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 54.
Figure 55.
Figure 56.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com