Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments THS4271 Datasheet HTML 28Page - Texas Instruments THS4271 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 41 page
background image
www.ti.com
_
+
Rf
4kT = 1.6E-20J
at 290K
THS4211/THS4215
IBN
EO
ERF
RS
ERS
IBI
Rg
ENI
4kTRS
4kT
Rg
4kTRf
E
O +
E 2
NI
) IBNRS
2
) 4kTRS NG
2 ) IBIRf
2
) 4kTRfNG
E
O
+
E 2
NI
) IBNRS
2
) 4kTRS )
I
BIRf
NG
2
)
4kTR
f
NG
Driving Capacitive Loads
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
100 k
1 M
10 M
100 M
1 G
Capacitive Load - Hz
FREQUENCY RESPONSE
vs
CAPACITIVE LOAD
R(ISO) = 15 Ω
CL = 50 pF
VS =±5 V
R(ISO) = 10 Ω
CL = 100 pF
R(ISO) = 25 Ω
CL = 10 pF
BOARD LAYOUT
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
The Typical Characteristics show the recommended
isolation resistor vs capacitive load and the resulting
frequency response at the load. Parasitic capacitive
loads greater than 2 pF can begin to degrade the
performance of the THS4211. Long PC board traces,
unmatched cables, and connections to multiple de-
vices can easily cause this value to be exceeded.
Always consider this effect carefully, and add the
recommended series resistor as close as possible to
the
THS4211
output
pin
(see
Board
Layout
Guidelines).
The criterion for setting this R(ISO) resistor is a
maximum bandwidth, flat frequency response at the
Figure 87. Noise Analysis Model
load. For a gain of +2, the frequency response at the
output pin is already slightly peaked without the
capacitive load, requiring relatively high values of
The total output shot noise voltage can be computed
R(ISO) to flatten the response at the load. Increasing
as the square of all square output noise voltage
the noise gain also reduces the peaking.
contributors. Equation 4 shows the general form for
the output noise voltage using the terms shown in
Equation 4:
(4)
Dividing this expression by the noise gain (NG=(1+
Rf/Rg)) gives the equivalent input-referred spot noise
voltage at the noninverting input, as shown in
Equation 5:
(5)
One of the most demanding, and yet very common,
Figure 88. Isolation Resistor Diagram
load conditions for an op amp is capacitive loading.
Often, the capacitive load is the input of an A/D
converter, including additional external capacitance,
which may be recommended to improve A/D linearity.
Achieving optimum performance with a high fre-
A high-speed, high open-loop gain amplifier like the
quency amplifier like the THS4211 requires careful
THS4211 can be very susceptible to decreased
attention to board layout parasitics and external
stability and closed-loop response peaking when a
component types.
capacitive load is placed directly on the output pin.
When the amplifier's open-loop output resistance is
Recommendations that optimize performance include
considered, this capacitive load introduces an ad-
the following:
ditional pole in the signal path that can decrease the
1. Minimize parasitic capacitance to any ac
phase margin. When the primary considerations are
ground for all of the signal I/O pins. Parasitic
frequency response flatness, pulse response fidelity,
capacitance on the output and inverting input pins
or distortion, the simplest and most effective solution
can cause instability: on the noninverting input, it
is to isolate the capacitive load from the feedback
can react with the source impedance to cause
loop by inserting a series isolation resistor between
unintentional band limiting. To reduce unwanted
the amplifier output and the capacitive load. This
capacitance, a window around the signal I/O pins
does not eliminate the pole from the loop response,
should be opened in all of the ground and power
but rather shifts it and adds a zero at a higher
planes around those pins. Otherwise, ground and
frequency. The additional zero acts to cancel the
power planes should be unbroken elsewhere on
phase lag from the capacitive load pole, thus increas-
the board.
ing the phase margin and improving stability.
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com