Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
www.ti.com
_
+
THS4211
49.9
Ω
50
Ω Source
392
Ω
3.9 pF
5 V
-5 V
33 pF
VO
392
Ω
57.6
Ω
VI
_
+
100
Ω
VO
VI+
_
+
Rg1
Rf1
100
Ω
VI-
_
+
Rf2
49.9
Ω
Rf1
Rg2
Rg2
Rf2
49.9
Ω
THS4211
THS4211
THS4211
A Low-Noise Receiver With the THS4211
V
O
+
1
2
1 )
2R
f1
R
g1
V
i)–Vi–
R
f2
R
g2
(1)
THEORY AND GUIDELINES
Distortion Performance
_
+
49.9
Ω
100
Ω
VO+
VI+
_
+
49.9
Ω
100
Ω
VO-
787
Ω
392
Ω
392
Ω
100
Ω
VI-
LINEARITY: DEFINITIONS, TERMINOLOGY,
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
Figure 82. A Two-Pole Active Filter With
Two Poles Between 90 MHz and 100 MHz
Figure 84. A High-Speed Instrumentation
A combination of two THS4211 amplifiers can create
Amplifier
a high-speed, low-distortion, low-noise differential re-
ceiver circuit as depicted in Figure 83. With both
amplifiers operating in the noninverting mode of
operation, the circuit presents a high load impedance
to the source. The designer has the option of
controlling the impedance through termination re-
sistors if a matched termination impedance is desired.
The THS4211 provides excellent distortion perform-
ance into a 150-
Ω load. Relative to alternative sol-
utions, it provides exceptional performance into
lighter loads, as well as exceptional performance on a
single 5-V supply. Generally, until the fundamental
signal reaches very high frequency or power levels,
the 2
nd harmonic dominates the total harmonic distor-
tion with a negligible 3
rd harmonic component. Focus-
ing then on the 2
nd harmonic, increasing the load
impedance directly improves distortion. The total load
includes the feedback network; in the noninverting
configuration (Figure 75) this is the sum of Rf and Rg,
while in the inverting configuration (Figure 76), only Rf
needs to be included in parallel with the actual load.
Figure 83. A High Input Impedance, Low Noise,
Differential Receiver
CIRCUIT TECHNIQUES, AND DESIGN
A modification on this circuit to include a difference
TRADEOFFS
amplifier turns this circuit into a high-speed instru-
mentation amplifier, as shown in Figure 84.
The THS4211 features execllent distortion perform-
ance for monolithic operational amplifiers. This sec-
tion focuses on the fundamentals of distortion, circuit
techniques for reducing nonlinearity, and methods for
equating distortion of operational amplifiers to desired
linearity specifications in RF receiver chains.
Amplifiers are generally thought of as linear devices.
The output of an amplifier is a linearly-scaled version
of the input signal applied to it. However, amplifier
transfer functions are nonlinear. Minimizing amplifier
nonlinearity is a primary design goal in many appli-
cations.
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com