Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 18 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
www.ti.com
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
6.6
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
TC - Case Temperature - °C
VS = 5 V
IIB-
IIB+
IOS
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0.02
0.04
0.06
0.08
0.1
0.12
-1
0
1
2
3
4
5
6
7
8
9
10
t - Time - ns
Gain = -1
RL = 499 Ω
Rf =392 Ω
tr/tf = 300 ps
VS = 5 V
0
0
1
2
3
4
5
6
7
8
9
-40 -30-20 -10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
VS = ±5 V
TC - Case Temperature - °C
-1.5
-1
-0.5
0
0.5
1
1.5
-2
0
2
4
6
8 10 12 14 16 18 20
t - Time - ns
Gain = -1
RL = 499 Ω
Rf = 392 Ω
tr/tf = 300 ps
VS = 5 V
0
-3
-2
-1
0
1
2
3
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-1.5
-1
-0.5
0.5
1
1.5
t - Time -
µs
VS = 5 V
0.01
0.1
1
10
100
1 k
10 k
100 k
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
RL = 499 Ω,
RF = 392 Ω,
PIN = -4 dBm
VS = 5 V
t - Time - ns
Gain = -1
RL = 499 Ω
VS = 5 V
-0.005
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
-0.01
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07
-7.5
-6
-4.5
-3
-1.5
0
1.5
3
4.5
0
100
200
300
400
500
600
700
800
2.5
3
3.5
4
4.5
5
VS - Supply Voltage - ±V
TA = 85°C
TA = 25°C
TA = -40°C
0.001
0.1
10
1000
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
Gain = 1
RL = 499 Ω
PIN = -1 dBm
VS = 5 V
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
TYPICAL CHARACTERISTICS (5 V Graphs) (continued)
INPUT BIAS AND OFFSET
INPUT OFFSET VOLTAGE
CURRENT
vs
vs
SMALL SIGNAL TRANSIENT
CASE TEMPERATURE
CASE TEMPERATURE
RESPONSE
Figure 66.
Figure 67.
Figure 68.
CLOSED-LOOP OUTPUT
IMPEDANCE
LARGE SIGNAL TRANSIENT
vs
RESPONSE
OVERDRIVE RECOVERY
FREQUENCY
Figure 69.
Figure 70.
Figure 71.
POWER-DOWN QUIESCENT
POWER-DOWN OUTPUT
CURRENT
IMPEDANCE
vs
vs
TURNON AND TURNOFF TIMES
SUPPLY VOLTAGE
FREQUENCY
DELAY TIME
Figure 72.
Figure 73.
Figure 74.
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com