Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments THS4271 Datasheet HTML 14Page - Texas Instruments THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
www.ti.com
0
10
20
30
40
50
60
70
80
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
Case Temperature -
°C
VS = ±5 V
PSRR-
CMMR
PSRR+
0
5
10
15
20
25
30
35
40
45
50
55
60
-4.5
-3
-1.5
0
1.5
3
4.5
Input Common-Mode Range - V
VS = ±5 V
TA = 25°C
0
1
2
3
4
5
6
7
8
9
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
VS = 5 V
VS = ±5 V
TC - Case Temperature - °C
-0.12
-0.1
-0.08
-0.06
-0.04
-0.02
0.02
0.04
0.06
0.08
0.1
0.12
-1
0
1
2
3
4
5
6
7
8
9
10
t - Time - ns
Gain = -1
RL = 499 Ω
Rf =392 Ω
tr/tf = 300 ps
VS = ±5 V
0
-1.5
-1
-0.5
0
0.5
1
1.5
-2
0
2
4
6
8 10 12 14 16 18 20
t - Time - ns
Gain = -1
RL = 499 Ω
Rf = 392 Ω
tr/tf = 300 ps
VS = ±5 V
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
6.5
6.6
-40 -30 -20-10 0 10 20 30 40 50 60 70 80 90
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
TC - Case Temperature - °C
VS = ±5 V
IIB-
IIB+
IOS
0
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
-3
-2.5
-2
-1.5
-1
-0.5
0.5
1
1.5
2
2.5
3
t - Time -
µs
VS = ±5 V
0.01
0.1
1
10
100
1 k
10 k
100 k
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
RL = 499 Ω,
RF = 392 Ω,
PIN = -4 dBm
VS = ±5 V
0
100
200
300
400
500
600
700
800
2.5
3
3.5
4
4.5
5
VS - Supply Voltage - ±V
TA = 85°C
TA = 25°C
TA = -40°C
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
TYPICAL CHARACTERISTICS (
±5 V Graphs) (continued)
REJECTION RATIOS
COMMON-MODE REJECTION RATIO
INPUT OFFSET VOLTAGE
vs
vs
vs
CASE TEMPERATURE
INPUT COMMON-MODE RANGE
CASE TEMPERATURE
Figure 28.
Figure 29.
Figure 30.
INPUT BIAS AND OFFSET
CURRENT
vs
SMALL SIGNAL TRANSIENT
LARGE SIGNAL TRANSIENT
CASE TEMPERATURE
RESPONSE
RESPONSE
Figure 31.
Figure 32.
Figure 33.
CLOSED-LOOP OUTPUT
POWER-DOWN QUIESCENT
IMPEDANCE
CURRENT
vs
vs
OVERDRIVE RECOVERY
FREQUENCY
SUPPLY VOLTAGE
Figure 34.
Figure 35.
Figure 36.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com