Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 5Page - Texas Instruments THS4271 Datasheet HTML 6Page - Texas Instruments THS4271 Datasheet HTML 7Page - Texas Instruments THS4271 Datasheet HTML 8Page - Texas Instruments THS4271 Datasheet HTML 9Page - Texas Instruments THS4271 Datasheet HTML 10Page - Texas Instruments THS4271 Datasheet HTML 11Page - Texas Instruments THS4271 Datasheet HTML 12Page - Texas Instruments THS4271 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
www.ti.com
Table of Graphs (5 V)
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
FIGURE
Small-signal unity gain frequency response
39
Small-signal frequency response
40
0.1 dB gain flatness frequency response
41
Large signal frequency response
42
Slew rate
vs Output voltage
43
Harmonic distortion
vs Frequency
44, 45, 46, 47
Harmonic distortion
vs Output voltage swing
48, 49, 50, 51
3rd-order intermodulation distortion
vs Frequency
52, 54
3rd-order intercept point
vs Frequency
53, 55
Voltage and current noise
vs Frequency
56
Settling time
57
Quiescent current
vs Supply voltage
58
Output voltage
vs Load resistance
59
Frequency response
vs Capacitive load
60
Open-loop gain and phase
vs Frequency
61
Open-loop gain
vs Case temperature
62
Rejection ratios
vs Frequency
63
Rejection ratios
vs Case temperature
64
Common-mode rejection ratio
vs Input common-mode range
65
Input offset voltage
vs Case temperature
66
Input bias and offset current
vs Case temperature
67
Small signal transient response
68
Large signal transient response
69
Overdrive recovery
70
Closed-loop output impedance
vs Frequency
71
Power-down quiescent current
vs Supply voltage
72
Power-down output impedance
vs Frequency
73
Turnon and turnoff delay times
74
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com