Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments THS4271 Datasheet HTML 28Page - Texas Instruments THS4271 Datasheet HTML 29Page - Texas Instruments THS4271 Datasheet HTML 30Page - Texas Instruments THS4271 Datasheet HTML 31Page - Texas Instruments THS4271 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
www.ti.com
THERMAL ANALYSIS
2
1.5
1
0
-40
-20
0
20
2.5
3
3.5
40
60
80
TA - Ambient Temperature - °C
8-Pin DGN Package
θJA = 170°C/W for 8-Pin SOIC (D)
θJA = 58.4°C/W for 8-Pin MSOP (DGN)
TJ= 150°C, No Airflow
0.5
8-Pin D Package
DESIGN TOOLS
Performance vs Package Options
P
Dmax +
Tmax–TA
q
JA
where
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (
°C/W).
θCA is the thermal coefficient from the case to ambient air
(
°C/W).
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
soldered to a copper plane to fully use the heat
dissipation properties of the PowerPAD. The SOIC
package, on the other hand, is highly dependent on
how it is mounted on the PCB. As more trace and
copper area is placed around the device,
θ
JA de-
creases and the heat dissipation capability increases.
For a single package, the sum of the RMS output
currents and voltages should be used to choose the
proper package.
The THS4211 device does not incorporate automatic
thermal shutoff protection, so the designer must take
care to ensure that the design does not violate the
absolute maximum junction temperature of the de-
vice. Failure may result if the absolute maximum
junction temperature of 150
°C is exceeded.
Figure 91. Maximum Power Dissipation vs
Ambient Temperature
The thermal characteristics of the device are dictated
by the package and the PC board. Maximum power
dissipation for a given package can be calculated
When determining whether or not the device satisfies
using Equation 7:
the maximum power dissipation requirement, it is
important to consider not only quiescent power dissi-
pation, but also dynamic power dissipation. Often
maximum power dissipation is difficult to quantify
because the signal pattern is inconsistent, but an
estimate of the RMS power dissipation can provide
visibility into a possible problem.
The THS4211 and THS4215 are offered in a different
(7)
package options. However, performance may be
For systems where heat dissipation is more critical,
limited due to package parasitics and lead inductance
the THS4211 is offered in an 8-pin MSOP with
in some packages. In order to achieve maximum
PowerPAD. The thermal coefficient for the MSOP
performance of the THS4211 and THS4215, Texas
PowerPAD package is substantially improved over
Instruments recommends using the leadless MSOP
the traditional SOIC. Maximum power dissipation
(DRB) or MSOP (DGN) packages, in additions to
levels are depicted in the graph for the two packages.
proper high-speed PCB layout. Figure 92 shows the
The data for the DGN package assumes a board
unity gain frequency response of the THS4211 using
layout that follows the PowerPAD layout guidelines
the leadless MSOP, MSOP, and SOIC package for
referenced above and detailed in the PowerPAD
comparison. Using the THS4211 and THS4215 in a
application notes in the Additional Reference Material
unity gain with the SOIC package may result in the
section at the end of the data sheet.
device becoming unstable. In higher gain configur-
ations, this effect is mitigated by the reduced
bandwidth. As such, the SOIC is suitable for appli-
cation with gains equal to or higher than +2 V/V or
(–1 V/V).
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com