Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
www.ti.com
Power Supply Decoupling Techniques and
Power-Down Reference Pin Operation
APPLICATION CIRCUITS
Driving an Analog-to-Digital Converter With the
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
NO. OF CHANNELS
PACKAGES
tive rail. The threshold voltages for power-on and
power-down are relative to the supply rails, and are
Single (8-pin)
THS4215D, THS4215DGN, and
THS4215DRB
given in the specification tables. Above the Enable
Threshold Voltage, the device is on. Below the
Disable Threshold Voltage, the device is off. Behavior
between these threshold voltages is not specified.
Recommendations
Note that this power-down functionality is just that;
Power supply decoupling is a critical aspect of any
the amplifier consumes less power in power-down
high-performance amplifier design process. Careful
mode. The power-down mode is not intended to
decoupling provides higher quality ac performance
provide a high- impedance output. In other words, the
(most notably improved distortion performance). The
power-down functionality is not intended to allow use
following guidelines ensure the highest level of per-
as a 3-state bus driver. When in power-down mode,
formance.
the impedance looking back into the output of the
1. Place decoupling capacitors as close to the
amplifier is dominated by the feedback and gain
power supply inputs as possible, with the goal of
setting resistors, but the output impedance of the
minimizing the inductance of the path from
device itself varies depending on the voltage applied
ground to the power supply.
to the outputs.
2. Placement priority should put the smallest valued
The time delays associated with turning the device on
capacitors closest to the device.
and off are specified as the time it takes for the
3. Use of solid power and ground planes is rec-
amplifier to reach 50% of the nominal quiescent
ommended to reduce the inductance along power
current. The time delays are on the order of
supply return current paths, with the exception of
microseconds because the amplifier moves in and out
the areas underneath the input and output pins.
of the linear mode of operation in these transitions.
4. Recommended values for power supply decoup-
ling include a bulk decoupling capacitor (6.8 to 22
µF), a mid-range decoupling capacitor (0.1 µF)
In addition to the power-down pin, the THS4215 also
and a high frequency decoupling capacitor (1000
features a reference pin (REF) which allows the user
pF) for each supply. A 100 pF capacitor can be
to control the enable or disable power-down voltage
used across the supplies as well for extremely
levels applied to the PD pin. Operation of the
high frequency return currents, but often is not
reference pin as it relates to the power-down pin is
required.
described below.
In most split-supply applications, the reference pin will
be connected to ground. In some cases, the user
may want to connect it to the negative or positive
THS4211
supply rail. In either case, the user needs to be aware
of the voltage level thresholds that apply to the
The THS4211 can be used to drive high-performance
power-down pin. The table below illustrates the re-
analog-to-digital converters. Two example circuits are
lationship between the reference voltage and the
presented below.
power-down thresholds.
The first circuit uses a wideband transformer to
POWER-DOWN PIN VOLTAGE
convert a single-ended input signal into a differential
REFERENCE
DEVICE
DEVICE
signal. The differential signal is then amplified and
VOLTAGE
DISABLED
ENABLED
filtered by two THS4211 amplifiers. This circuit pro-
VS– to 0.5 (VS– + VS+)
≤ Ref + 1.0 V
≥ Ref + 1.8 V
vides
low
intermodulation
distortion,
suppressed
even-order distortion, 14 dB of voltage gain, a 50-
Ω
0.5 (VS– + VS+) to VS+
≤ Ref – 1.5 V
≥ Ref – 1 V
input impedance, and a single-pole filter at 100 MHz.
The recommended mode of operation is to tie the
For applications without signal content at dc, this
reference pin to mid-rail, thus setting the threshold
method of driving ADCs can be very useful. Where dc
levels to mid-rail +1.0 V and midrail +1.8 V.
information content is required, the THS4500 family
of fully differential amplifiers may be applicable.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com