Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
www.ti.com
392
Ω
_
+
THS4211
49.9
Ω
100
Ω
392
Ω
100
Ω
+5 V
-5 V
14-Bit,
400 MSps
DAC5675
RF
LO
196
Ω
392
Ω
392
Ω
3.3 V
3.3 V
_
+
THS4211
50
Ω
Source
392
Ω
_
+
-5 V
196
Ω
15 pF
392
Ω
196
Ω
24.9
Ω
15 pF
14-Bit, 62 Msps
ADS5422
(1:4
Ω)
1:2
5 V
24.9
Ω
THS4211
VCM
VCM
392
Ω
_
+
49.9
Ω
100
Ω
100
Ω
14-Bit,
400 MSps
DAC5675
3.3 V
3.3 V
CF
1 nF
392
Ω
49.9
Ω
1 nF
1 nF
CF
392
Ω
392
Ω
_
+
THS4211
THS4211
RF(out)
IF+
IF-
100
Ω
1 nF
_
+
THS4211
392
Ω
ADS807
12-Bit,
53 Msps
Rf
+5 V
392
Ω
49.9
Ω
VI
Rg
-5 V
50
Ω
Source
RISO
0.1
µF
16.5
Ω
68 pf
0.1
µF
IN
IN
CM
1.82 k
Ω
RT
NOTE: For best performance, high-speed ADCs should be driven
differentially. See the THS4500 family of devices for more
information.
Active Filtering With the THS4211
Using the THS4211 as a DAC Output Buffer
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
converter. The first circuit performs a differential to
single-ended conversion with the THS4211 con-
figured as a difference amplifier. The difference
amplifier can double as the termination mechanism
for the DAC outputs as well.
Figure 80. Differential to Single-Ended
Conversion of a High-Speed DAC Output
Figure 78. A Linear, Low Noise, High Gain
ADC Preamplifier
For cases where a differential signaling path is
desirable, a pair of THS4211 amplifiers can be used
The second circuit depicts single-ended ADC drive.
as output buffers. The circuit depicts differential drive
While not recommended for optimum performance
into a mixer's IF inputs, coupled with additional signal
using converters with differential inputs, satisfactory
gain and filtering.
performance
can
sometimes
be
achieved
with
single-ended input drive. An example circuit is shown
here for reference.
Figure 81. Differential Mixer Drive Circuit
Figure 79. Driving an ADC With a
Using the DAC5675 and the THS4211
Single-Ended Input
High-frequency active filtering with the THS4211 is
Two example circuits are presented here showing the
achievable due to the amplifier's high slew-rate, wide
THS4211 buffering the output of a digital-to-analog
bandwidth, and voltage feedback architecture. Sev-
eral options are available for high-pass, low-pass,
bandpass, and bandstop filters of varying orders. A
simple two-pole low pass filter is presented here as
an example, with two poles at 100 MHz.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com