Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 15Page - Texas Instruments THS4271 Datasheet HTML 16Page - Texas Instruments THS4271 Datasheet HTML 17Page - Texas Instruments THS4271 Datasheet HTML 18Page - Texas Instruments THS4271 Datasheet HTML 19Page - Texas Instruments THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
www.ti.com
APPLICATION INFORMATION
HIGH-SPEED OPERATIONAL AMPLIFIERS
Applications Section Contents
_
+
THS4211
Rf
392
Ω
49.9
Ω
100 pF
0.1
µF 6.8 µF
-VS
-5 V
Rg
50
Ω Source
+
VI
100 pF
0.1
µF 6.8 µF
+
+VS
5 V
VO
499
Ω
392
Ω
WIDEBAND, INVERTING GAIN OPERATION
WIDEBAND, NONINVERTING OPERATION
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
with measurement equipment presenting a 50-
Ω load
impedance. In Figure 75, the 49.9-
Ω shunt resistor at
the VIN terminal matches the source impedance of the
The THS4211 and the THS4215 operational ampli-
test generator. The total 499-
Ω load at the output,
fiers set new performance levels, combining low
combined with the 784-
Ω total feedback-network
distortion, high slew rates, low noise, and a unity-gain
load, presents the THS4211 and THS4215 with an
bandwidth in excess of 1 GHz. To achieve the full
effective output load of 305
Ω for the circuit shown in
performance of the amplifier, careful attention must
Figure 75.
be paid to printed-circuit board layout and component
Voltage-feedback amplifiers, unlike current-feedback
selection.
designs, can use a wide range of resistors values to
The THS4215 provides a power-down mode, provid-
set their gain with minimal impact on their stability
ing the ability to save power when the amplifier is
and frequency response. Larger-valued resistors de-
inactive. A reference pin is provided to allow the user
crease the loading effect of the feedback network on
the flexibility to control the threshold levels of the
the output of the amplifier, but this enhancement
power-down control pin.
comes at the expense of additional noise and poten-
tially lower bandwidth. Feedback-resistor values be-
tween 392
Ω and 1 kΩ are recommended for most
applications.
•
Wideband, Noninverting Operation
•
Wideband, Inverting Gain Operation
•
Single Supply Operation
•
Saving Power With Power-Down Functionality
and Setting Threshold Levels With the Reference
Pin
•
Power
Supply
Decoupling
Techniques
and
Recommendations
•
Using the THS4211 as a DAC Output Buffer
•
Driving an ADC With the THS4211
•
Active Filtering With the THS4211
•
Building a Low-Noise Receiver With the THS4211
•
Linearity:
Definitions,
Terminology,
Circuit
Techniques and Design Tradeoffs
•
An Abbreviated Analysis of Noise in Amplifiers
•
Driving Capacitive Loads
Figure 75. Wideband, Noninverting Gain
Configuration
•
Printed-Circuit
Board
Layout
Techniques
for
Optimal Performance
•
Power Dissipation and Thermal Considerations
•
Performance vs Package Options
Since
the
THS4211
and
THS4215
are
gen-
•
Evaluation
Fixtures,
Spice
Models,
and
eral-purpose, wideband voltage-feedback amplifiers,
Applications Support
several familiar operational-amplifier applications cir-
•
Additional Reference Material
cuits are available to the designer. Figure 76 shows a
•
Mechanical Package Drawings
typical inverting configuration where the input and
output impedances and noise gain from Figure 75 are
retained in an inverting circuit configuration. Inverting
operation is a common requirement and offers sev-
The THS4211 and the THS4215 are unity-gain,
eral performance benefits. The inverting configuration
stable 1-GHz voltage-feedback operational amplifiers,
shows improved slew rates and distortion due to the
with and without power-down capability, designed to
pseudo-static voltage maintained on the inverting
operate from a single 5-V to 15-V power supply.
input.
Figure 75 shows the noninverting-gain configuration
of 2 V/V used to demonstrate the typical performance
curves. Most of the curves were characterized using
signal sources with 50-
Ω source impedances, and
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com