Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 20Page - Texas Instruments THS4271 Datasheet HTML 21Page - Texas Instruments THS4271 Datasheet HTML 22Page - Texas Instruments THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments THS4271 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
www.ti.com
IMD3 = PS - PO
PS
PO
PO
∆fc = fc - f1
∆fc = f2 - fc
PS
fc - 3∆f
f1 fc f2
fc + 3∆f
f - Frequency - MHz
OIP
3
+ PO )
IMD
3
2
where
(2)
P
O
+ 10 log
V2
P
2R
L
0.001
(3)
NOISE ANALYSIS
IMD3
OIP3
IIP3
3X
PIN
(dBm)
1X
POUT
(dBm)
PO
PS
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
Intercept points are specifications long used as key
Due to the intercept point's ease of use in system
design criteria in the RF communications world as a
level calculations for receiver chains, it has become
metric for the intermodulation distortion performance
the
specification
of
choice
for
guiding
distor-
of a device in the signal chain (e.g., amplifiers,
tion-related design decisions. Traditionally, these sys-
mixers, etc.). Use of the intercept point, rather than
tems use primarily class-A, single-ended RF ampli-
strictly the intermodulation distortion, allows simpler
fiers as gain blocks. These RF amplifiers are typically
system-level calculations. Intercept points, like noise
designed to operate in a 50-
Ω environment. Giving
figures, can be easily cascaded back and forth
intercept points in dBm implies an associated im-
through a signal chain to determine the overall
pedance (50
Ω ).
receiver chain's intermodulation distortion perform-
However, with an operational amplifier, the output
ance. The relationship between intermodulation dis-
does not require termination as an RF amplifier
tortion and intercept point is depicted in Figure 85
would. Because closed-loop amplifiers deliver signals
and Figure 86.
to their outputs regardless of the impedance present,
it is important to comprehend this when evaluating
the intercept point of an operational amplifier. The
THS4211 yields
optimum
distortion
performance
when loaded with 150
Ω to 1 kΩ, very similar to the
input impedance of an analog-to-digital converter
over its input frequency band.
As a result, terminating the input of the ADC to 50
Ω
can actually be detrimental to system performance.
The discontinuity between open-loop, class-A ampli-
fiers and closed-loop, class-AB amplifiers becomes
apparent when comparing the intercept points of the
two types of devices. Equation 2 and Equation 3
define
an
intercept
point,
relative
to
the
intermodulation distortion.
Figure 85.
NOTE: PO is the output power of a single tone, RL is
the load resistance, and VP is the peak voltage for a
single tone.
High slew rate, unity-gain stable, voltage-feedback
operational amplifiers usually achieve their slew rate
at the expense of a higher input noise voltage. The 7
nV/
√Hz input voltage noise for the THS4211 and
THS4215 is, however, much lower than comparable
amplifiers. The input-referred voltage noise, and the
two input-referred current noise terms (4 pA/
√Hz),
combine to give low output noise under a wide variety
of operating conditions. Figure 87 shows the amplifier
noise analysis model with all the noise terms in-
cluded. In this model, all noise terms are taken to be
noise voltage or current density terms in either
nV/
√Hz or pA/√Hz.
Figure 86.
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com