Electronic Components Datasheet Search
  English  ▼

X  

THS4271 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # THS4271
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4271 Datasheet(HTML) 27 Page - Texas Instruments

Back Button THS4271 Datasheet HTML 23Page - Texas Instruments THS4271 Datasheet HTML 24Page - Texas Instruments THS4271 Datasheet HTML 25Page - Texas Instruments THS4271 Datasheet HTML 26Page - Texas Instruments THS4271 Datasheet HTML 27Page - Texas Instruments THS4271 Datasheet HTML 28Page - Texas Instruments THS4271 Datasheet HTML 29Page - Texas Instruments THS4271 Datasheet HTML 30Page - Texas Instruments THS4271 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 41 page
background image
www.ti.com
DIE
Side View (a)
DIE
End View (b)
Thermal
Pad
Bottom View (c)
Single or Dual
68 Mils x 70 Mils
(Via Diameter = 13 Mils)
P
D +
Tmax * TA
q
JA
where
PD = Maximum power dissipation of THS4211 (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA = Free-ambient temperature (°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to the case
θCA = Thermal coefficient from the case to ambient air
(
°C/W).
(6)
PowerPAD PCB LAYOUT CONSIDERATIONS
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
pad on the underside of the package [see Fig-
directly under the thermal pad. They can be
ure 89(c)]. Because this thermal pad has direct
larger because they are not in the thermal pad
thermal contact with the die, excellent thermal per-
area to be soldered, so wicking is not a problem.
formance can be achieved by providing a good
4. Connect all holes to the internal ground plane.
thermal path away from the thermal pad.
5. When connecting these holes to the ground
The PowerPAD package allows both assembly and
plane, do not use the typical web or spoke via
thermal management in one manufacturing operation.
connection methodology. Web connections have
a high thermal resistance connection that is
During the surface-mount solder operation (when the
useful for slowing the heat transfer during
leads are being soldered), the thermal pad can also
soldering operations. This resistance makes the
be soldered to a copper area underneath the pack-
soldering of vias that have plane connections
age. Through the use of thermal paths within this
easier. In this application, however, low thermal
copper area, heat can be conducted away from the
resistance is desired for the most efficient heat
package into either a ground plane or other heat
transfer. Therefore, the holes under the THS4211
dissipating device.
and THS4215 PowerPAD package should make
their connection to the internal ground plane, with
The PowerPAD package represents a breakthrough
a complete connection around the entire circum-
in combining the small area and ease of assembly of
ference of the plated-through hole.
surface mount with the heretofore awkward mechan-
ical methods of heatsinking.
6. The top-side solder mask should leave the ter-
minals of the package and the thermal pad area
with its five holes exposed. The bottom-side
solder mask should cover the five holes of the
thermal pad area. This prevents solder from
being pulled away from the thermal pad area
during the reflow process.
7. Apply solder paste to the exposed thermal pad
area and all of the IC terminals.
Figure 89. Views of Thermally
8. With these preparatory steps in place, the IC is
Enhanced Package
simply placed in position and run through the
solder reflow operation as any standard sur-
Although there are many ways to properly heatsink
face-mount component. This results in a part that
the PowerPAD package, the following steps illustrate
is properly installed.
the recommended approach.
For a given
θ
JA , the maximum power dissipation is
shown in Figure 91 and is calculated by Equation 6:
Figure 90. PowerPAD PCB Etch and
Via Pattern
The next consideration is the package constraints.
1. Prepare the PCB with a top side etch pattern as
The two sources of heat within an amplifier are
shown in Figure 90. There should be etching for
quiescent power and output power. The designer
the leads as well as etch for the thermal pad.
should never forget about the quiescent heat gener-
2. Place five holes in the area of the thermal pad.
ated within the device, especially multi-amplifier de-
These holes should be 13 mils in diameter. Keep
vices. Because these devices have linear output
them small so that solder wicking through the
stages (Class AB), most of the heat dissipation is at
holes is not a problem during reflow.
low output voltages with high output currents.
3. Additional vias may be placed anywhere along
The other key factor when dealing with power dissi-
the thermal plane outside of the thermal pad
pation is how the devices are mounted on the PCB.
area. They help dissipate the heat generated by
The PowerPAD devices are extremely useful for heat
the THS4211 and THS4215 IC. These additional
dissipation.
But,
the
device
should
always
be
vias may be larger than the 13-mil diameter vias
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com