Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 102 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 102 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 98Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 99Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 100Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 101Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 106Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 225 page
background image
Rev. 1.00
10�
�an�a�� 0�� �01�
Rev. 1.00
103
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Bit2
STPOL:STMSTPOutputpolaritycontrol
0:Non-inverted
1:Inverted
ThisbitcontrolsthepolarityoftheSTPoutputpin.WhenthebitissethightheSTM
outputpinwillbeinvertedandnotinvertedwhenthebitiszero.Ithasnoeffectifthe
STMisintheTimer/CounterMode.
Bit1
STDPX:STMPWMduty/periodcontrol
0:CCRP–period;CCRA–duty
1:CCRP–duty;CCRA–period
ThisbitdetermineswhichoftheCCRAandCCRPregistersareusedforperiodand
dutycontrolofthePWMwaveform.
Bit0
STCCLR:STMCounterClearconditionselection
0:ComparatorPmatch
1:ComparatorAmatch
Thisbitisusedtoselectthemethodwhichclearsthecounter.Rememberthatthe
StandardTMcontainstwocomparators,ComparatorAandComparatorP,eitherof
whichcanbeselectedtocleartheinternalcounter.WiththeSTCCLRbitsethigh,
thecounterwillbeclearedwhenacomparematchoccursfromtheComparatorA.
Whenthebitislow,thecounterwillbeclearedwhenacomparematchoccursfrom
theComparatorPorwithacounteroverflow.Acounteroverflowclearingmethodcan
onlybeimplementediftheCCRPbitsareallclearedtozero.TheSTCCLRbitisnot
usedinthePWMOutput,SinglePulseOutputorCaptureInputMode.
STMDL Register
Bit
7
6
5
4
3
2
1
0
Name
D�
D�
D5
D4
D3
D�
D1
D0
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:STMCounterLowByteRegisterbit7~bit0
STM16-bitCounterbit7~bit0
STMDH Register
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D1�
D11
D10
D9
D8
R/W
R
R
R
R
R
R
R
R
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:STMCounterHighByteRegisterbit7~bit0
STM16-bitCounterbit15~bit8
STMAL Register
Bit
7
6
5
4
3
2
1
0
Name
D�
D�
D5
D4
D3
D�
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D7~D0:STMCCRALowByteRegisterbit7~bit0
STM16-bitCCRAbit7~bit0
STMAH Register
Bit
7
6
5
4
3
2
1
0
Name
D15
D14
D13
D1�
D11
D10
D9
D8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit7~0
D15~D8:STMCCRAHighByteRegisterbit7~bit0
STM16-bitCCRAbit15~bit8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com