Electronic Components Datasheet Search
  English  ▼

X  

HT67F370 Datasheet(PDF) 106 Page - Holtek Semiconductor Inc

Part # HT67F370
Description  TinyPower A/D Flash MCU with LCD & EEPROM
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F370 Datasheet(HTML) 106 Page - Holtek Semiconductor Inc

Back Button HT67F370 Datasheet HTML 102Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 103Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 104Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 105Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 106Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 107Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F370 Datasheet HTML 110Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 225 page
background image
Rev. 1.00
10�
�an�a�� 0�� �01�
Rev. 1.00
10�
�an�a�� 0�� �01�
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
HT67F370
TinyPowerTM A/D Flash MCU with LCD & EEPROM
Timer/Counter Mode
Toselectthismode,bitsSTM1andSTM0intheSTMC1registershouldbesetto11respectively.
TheTimer/CounterModeoperatesinanidenticalwaytotheCompareMatchOutputMode
generatingthesameinterruptflags.TheexceptionisthatintheTimer/CounterModetheSTM
outputpinisnotused.ThereforetheabovedescriptionandTimingDiagramsfortheCompare
MatchOutputModecanbeusedtounderstanditsfunction.AstheSTMoutputpinisnotusedin
thismode,thepincanbeusedasanormalI/Opinorotherpin-sharedfunction.
PWM Output Mode
Toselectthismode,bitsSTM1andSTM0intheSTMC1registershouldbesetto10respectively
andalsotheSTIO1andSTIO0bitsshouldbesetto10respectively.ThePWMfunctionwithin
theSTMisusefulforapplicationswhichrequirefunctionssuchasmotorcontrol,heatingcontrol,
illuminationcontroletc.Byprovidingasignaloffixedfrequencybutofvaryingdutycycleonthe
STMoutputpin,asquarewaveACwaveformcanbegeneratedwithvaryingequivalentDCRMS
values.
AsboththeperiodanddutycycleofthePWMwaveformcanbecontrolled,thechoiceofgenerated
waveformisextremelyflexible.InthePWMOutputMode,theSTCCLRbithasnoeffectasthe
PWMperiod.BothoftheCCRAandCCRPregistersareusedtogeneratethePWMwaveform,one
registerisusedtocleartheinternalcounterandthuscontrolthePWMwaveformfrequency,while
theotheroneisusedtocontrolthedutycycle.Whichregisterisusedtocontroleitherfrequency
ordutycycleisdeterminedusingtheSTDPXbitintheSTMC1register.ThePWMwaveform
frequencyanddutycyclecanthereforebecontrolledbythevaluesintheCCRAandCCRPregisters.
Aninterruptflag,oneforeachoftheCCRAandCCRP,willbegeneratedwhenacomparematch
occursfromeitherComparatorAorComparatorP.TheSTOCbitintheSTMC1registerisusedto
selecttherequiredpolarityofthePWMwaveformwhilethetwoSTIO1andSTIO0bitsareusedto
enablethePWMoutputortoforcetheSTMoutputpintoafixedhighorlowlevel.TheSTPOLbit
isusedtoreversethepolarityofthePWMoutputwaveform.
• 16-bit STM, PWM Output Mode, Edge-aligned Mode, STDPX=0
CCRP
1~255
0
Pe�iod
CCRP�5�
�553�
D�t�
CCRA
IffSYS=16MHz,STMclocksourceisfSYS/4,CCRP=2andCCRA=128,
TheSTMPWMoutputfrequency=(fSYS/4)/(2×256)=fSYS/2048=8kHz,duty=128/(2×256)=
25%.
IftheDutyvaluedefinedbytheCCRAregisterisequaltoorgreaterthanthePeriodvalue,thenthe
PWMoutputdutyis100%.
• 16-bit STM, PWM Output Mode, Edge-aligned Mode, STDPX=1
CCRP
1~255
0
Pe�iod
CCRA
D�t�
CCRP�5�
�553�
ThePWMoutputperiodisdeterminedbytheCCRAregistervaluetogetherwiththeSTMclock
whilethePWMdutycycleisdefinedbytheCCRPregistervalueexceptwhentheCCRPvalueis
equalto0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com