Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 29 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor CCG4 Datasheet HTML 27Page - Cypress Semiconductor CCG4 Datasheet HTML 28Page - Cypress Semiconductor CCG4 Datasheet HTML 29Page - Cypress Semiconductor CCG4 Datasheet HTML 30Page - Cypress Semiconductor CCG4 Datasheet HTML 31Page - Cypress Semiconductor CCG4 Datasheet HTML 32Page - Cypress Semiconductor CCG4 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 29 of 35
EZ-PD™ CCG4
Figure 10. 24-pin QFN Package Outline
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. DIE THICKNESS ALLOWABLE IS 0.305 mm MAXIMUM(.012 INCHES MAXIMUM)
3. DIMENSIONING & TOLERANCES CONFORM TO ASME Y14.5M. -1994.
4. THE PIN #1 IDENTIFIER MUST BE PLACED ON THE TOP SURFACE OF THE
PACKAGE BY USING INDENTATION MARK OR OTHER FEATURE OF
5. EXACT SHAPE AND SIZE OF THIS FEATURE IS OPTIONAL.
6. PACKAGE WARPAGE MAX 0.08 mm.
7. APPLIED FOR EXPOSED PAD AND TERMINALS. EXCLUDE EMBEDDING PART
OF EXPOSED PAD FROM MEASURING.
8. APPLIED ONLY TO TERMINALS.
NOTES
DIMENSIONS
NOM.
MIN.
b
E
4.00 BSC
D
A
1
A
4.00 BSC
0.00
SYMBOL
MAX.
0.60
0.05
0.50 BSC
L
0.18
0.25
0.30
E
D2
2
e
R
0.40
0.30
0.50
2.65
2.75
2.85
2.65
2.75
2.85
9. JEDEC SPECIFICATION NO. REF: N.A.
PACKAGE BODY.
A0.425
A
0.152 REF
2
3
0.40
0.09
002-16934 *A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com