Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 17 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 17 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 13Page - Cypress Semiconductor CCG4 Datasheet HTML 14Page - Cypress Semiconductor CCG4 Datasheet HTML 15Page - Cypress Semiconductor CCG4 Datasheet HTML 16Page - Cypress Semiconductor CCG4 Datasheet HTML 17Page - Cypress Semiconductor CCG4 Datasheet HTML 18Page - Cypress Semiconductor CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 17 of 35
EZ-PD™ CCG4
Application Diagrams
Figure 7 and Figure 8 on page 18 show a dual Type-C port and
a single Type-C port Notebook DRP application diagram using a
CCG4 device. The Type-C port can be used as a power provider
or a power consumer.
In each of these applications, CCG4 communicates with the
Embedded Controller (EC), which manages the Battery Charger
Controller (BCC) to control the charging and discharging of
internal battery. It also controls the Data Mux to route the
HighSpeed signals either to the USB chipset (during normal
mode) or the DisplayPort Chipset (during Alternate Mode).The
SBU, SuperSpeed, and HighSpeed lines are routed directly from
the Display Mux of the notebook to the Type-C receptacle.
For the dual Type-C notebook application, these Type-C ports
can be power providers or power consumers simultaneously. In
addition, the CCG4 device controls the transfer of DisplayPort
signals over the Type-C interface using the display mux
controllers.
Optional FETs are provided for applications that need to provide
power for accessories and cables using VCONN pin of the
Type-C receptacle. VBUS FETs are also used for providing
power over VBUS and for consuming power over VBUS. A
VBUS_DISCHARGE FET controlled by CCG4 device is used to
quickly discharge VBUS after the Type-C connection is
detached.
Figure 7. CCG4 in a Dual Port Notebook Application using CYPD4225-40LQXIT
CCG4
(CYPD4225-40LQXIT)
40-QFN
11
20
CC2_P1
7
CC1_P1
9
SWD_IO/AR_RST#
1
SWD_CLK/I2C_CFG_EC
2
HPD_P1/GPIO
18
HPD_P2/GPIO
30
VCONN_MON_P1/GPIO
19
XRES
14
0.1µF
3.3V
VDDIO
1µF
VBUS_P_CTRL_P1
TYPE-C
RECEPTACLE 1
VBUS_SOURCE
VBUS_P_CTRL_P1
DC/DC
OR
AC-DC
SECONDARY
(5-20V)
OPTIONAL VDDIO SUPPLY. CAN SHORT
TO VDDD IN SINGLE SUPPLY SYSTEMS.
330pF
330pF
5.0V
1µF
1µF
5.0V
VBUS_DISCHARGE_P1
TYPE-C
RECEPTACLE 2
VBUS_DISCHARGE_P2
VBUS (5-20V)
VBUS_SOURCE
39
40
CC2_P2
24
CC1_P2
22
VBUS_P_CTRL_P2
VBUS_MON_P2
37
VBUS
VBUS_MON_P2
330pF
330pF
VBUS_DISCHARGE_P2
OVP_TRIP_P2
27
VBUS_SINK
CHARGER
OVP_TRIP_P1
VSEL_2_P2/GPIO
VBUS_SINK
TX
SBU
VDDIO
EMBEDDED
CONTROLLER
EPAD
I2C_SCL_SCB1_EC
17
16
4
3
5
6
25
I2C_SDA_SCB1_EC
15
I2C_SCL_SCB2_AR/VSEL_1_P2
I2C_SDA_SCB2_AR/VSEL_1_P1
I2C_INT_AR_P1
I2C_INT_AR_P2
SCL_3/VCONN_MON_P2/GPIO
SDA_3/MUX_CTRL_3_P1/VSEL_2_P1
26
29
SCL_4/MUX_CTRL_1_P1/GPIO
SDA_4/MUX_CTRL_2_P1/GPIO
28
VSS
I2C_INT_EC
I2C MASTER
FOR ALT
MODE MUX
CONTROL
CONNECTED
TO TYPE-C
PORT1 or
PORT2
I2C_SCL
I2C_SDA
RX
10
21
VDDIO
0.1µF
HPD_P1
HPD_P2
VBUS_MON_P1/GPIO
13 VBUS_MON_P1
VBUS_C_CTRL_P1
12
VBUS_C_CTRL_P2/ 38
VBUS_C_CTRL_P1
VBUS_C_CTRL_P2
VBUS_P_CTRL_P2
VBUS_DISCHARGE_P2
VBUS_P_CTRL_P1
VBUS_DISCHARGE_P1
MUX_CTRL_2_P2/GPIO
35
MUX_CTRL_1_P2/GPIO
36
MUX_CTRL_3_P2/GPIO
34
VBUS_P_CTRL_P2
100 KO
10 O
49.9KO
100 KO
100 KO
10 O
200 O
100 KO
100 KO
10 KO
0.1µF
100 KO
10 KO
0.1µF
VBUS
2.2 KO
2.2 KO
2.2 KO
TO DISPLAY_PORT
CONTROLLER 1
TO DISPLAY PORT
CONTROLLER 2
VSEL_1_P1
VSEL_2_P1
MUX
AUX P/N
ML_LANE_[0:3]N
I2C_SCL
I2C_SDA
VDDIO
2.2 KO
HS
TX
2.2 KO
USB 3.0
HOST
2
SSTX/RX
4
DISPLAY PORT
CONTROLLER 1
HPD_P1
ML_LANE_[0:3]P
4
4
2
2
RX
4
4
2
2
MUX
AUX P/N
ML_LANE_[0:3]N
I2C_SCL
HS
USB 3.0
HOST
2
SSTX/RX
4
DISPLAY PORT
CONTROLLER 2
HPD_P2
ML_LANE_[0:3]P
4
4
2
I2C_SDA
SBU
2
4
4
2
CC1
CC2
GND
VBUS
2
CC1
CC2
GND
VBUS
VSEL_2_P2
VSEL_1_P2
100 KO
10 O
49.9KO
100 KO
VBUS_DISCHARGE_P1
100 KO
10 O
200 O
100 KO
VBUS_C_CTRL_P1
100 KO
10 O
49.9KO
100 KO
100 KO
VBUS_P_CTRL_P2
100 KO
10 O
49.9KO
100 KO
4.7 uF
4.7 uF
4.7 uF
4.7 uF
4.7 uF
4.7 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com