Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor CCG4 Datasheet HTML 10Page - Cypress Semiconductor CCG4 Datasheet HTML 11Page - Cypress Semiconductor CCG4 Datasheet HTML 12Page - Cypress Semiconductor CCG4 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 9 of 35
EZ-PD™ CCG4
GPIOs
and Serial
Interfaces
VBUS_MON_P1/GPIO
13
VBUS_MON_P1 (VBUS overvoltage protection monitoring
signal)/GPIO
HPD_P1/GPIO
18
HPD_P1 (Hot Plug Detect I/O for port 1)/GPIO
HPD_P2/GPIO
30
HPD_P2 (Hot Plug Detect I/O for port 2)/GPIO
MUX_CTRL_3_P2/OCP_DET_P2
34
MUX_CTRL_3_P2 (Mux control for port 2) or VBUS Overcurrent
Protection Input for port 2 (active LOW)
GPIO/MUX_CTRL_2_P2
35
MUX_CTRL_2_P2 (Mux control for port 2)/SCB4 (see Table 3 on
page 13 through Table 6 on page 13)
GPIO/MUX_CTRL_1_P2
36
MUX_CTRL_1_P2 (Mux control for port 2)/SCB4 (see Table 3 on
page 13 through Table 6 on page 13)
VBUS_MON_P2
37
VBUS_MON_P2(VBUS overvoltage protection monitoring
signal)
VSEL_2_P2/GPIO
27
VSEL_2_P2(Voltage selection control for VBUS on port 2)/GPIO
I2C_SCL_SCB1_EC
17
SCB1/SCB4 (see Table 3 on page 13 through Table 6 on page 13)
I2C_SDA_SCB1_EC
16
SCB1/SCB3 (see Table 3 on page 13 through Table 6 on page 13)
I2C_INT_EC
15
I2C Interrupt line
I2C_SCL_SCB2_AR/VSEL_1_P2
4
SCB2 (see Table 3 on page 13 through Table 6 on page 13) or
VSEL_1_P2 (Voltage selection control for VBUS on port 2)
I2C_SDA_SCB2_AR/VSEL_1_P1
3
SCB1/SCB2 (see Table 3 on page 13 through
Table 6 on page 13) or VSEL_1_P1 (Voltage selection control for
VBUS on port 1)
I2C_INT_AR_P1/OCP_DET_P1
5
I2C interrupt line or VBUS Overcurrent Protection Input for port
1 (active LOW)
I2C_INT_AR_P2
6
I2C interrupt line/SCB1/SCB2 (see Table 3 on page 13 through
Table 6 on page 13)
SDA_3/MUX_CTRL_3_P1/VSEL_2_P1
26
SCB3 (see Table 3 on page 13 through Table 6 on page 13) or
MUX_CTRL_3_P1 (Mux control for port 1) or VSEL_2_P1
(Voltage selection control for VBUS on port 1)
SCL_4/MUX_CTRL_1_P1
29
SCB4 (see Table 3 on page 13 through Table 6 on page 13)
/MUX_CTRL_1_P1 (Mux control for port 1)
GPIOs
and Serial
Interfaces
SDA_4/MUX_CTRL_2_P1
28
SCB4 (see Table 3 on page 13 through Table 6 on page 13)
/MUX_CTRL_2_P1 (Mux control for port 1)
SWD_IO/AR_RST#
1
SWD_IO (serial wire debug I/O)/SCB1. See Table 3 on page 13
through Table 6 on page 13.
SWD_CLK/I2C_CFG_EC
2
SWD Clock/I2C_CFG_EC
Reset
XRES[3]
10
Reset input (active LOW)
Power
V5V_P1
8
2.7-V to 5.5-V supply for VCONN FET of Type-C port 1
V5V_P2
23
2.7-V to 5.5-V supply for VCONN FET of Type-C port 2
VDDIO
32
1.71-V to 5.5-V supply for I/Os
VCCD
33
1.8-V regulator output for filter capacitor. This pin cannot drive
external load.
VDDD
31
VDDD supply input/output (2.7 V to 5.5 V)
VSS
EPAD
Ground supply
Table 1. Pinout for CYPD4225-40LQXIT, CYPD4226-40LQXIT, and CYPD4236-40LQXIT (continued)
Group
Pin Name
Pin Number
Description
Note
3. This is firmware configurable GPIO. By default, this pin is floating. Firmware can add pull-up/pull-down and enable/disable I/O buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com