Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CCG4 Datasheet HTML 1Page - Cypress Semiconductor CCG4 Datasheet HTML 2Page - Cypress Semiconductor CCG4 Datasheet HTML 3Page - Cypress Semiconductor CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 4 of 35
EZ-PD™ CCG4
Available Firmware and Software Tools
EZ-PD Configuration Utility
The EZ-PD Configuration Utility is a GUI-based Microsoft Windows application developed by Cypress to guide a CCGx user through
the process of configuring and programming the chip. The utility allows users to:
1. Select and configure the parameters they want to modify
2. Program the resulting configuration onto the target CCGx device.
The utility works with the Cypress supplied CCG1, CCG2, CCG3, and CCG4 kits, which host the CCGx controllers along with a USB
interface. This version of the EZ-PD Configuration Utility supports configuration and firmware update operations on CCGx controllers
implementing EMCA and Display Dongle applications. Support for other applications, such as Power Adapters and Notebook port
controllers, will be provided in later versions of the utility.
You can download the EZ-PD Configuration Utility and its associated documentation at the following link:
http://www.cypress.com/documentation/software-and-drivers/ez-pd-configuration-utility
EZ-PD CCG4 Block Diagram
Figure 1. EZ-PD CCG4 Block Diagram
CCG4
32-bit
AHB-Lite
Deep Sleep
Active/Sleep
I/O Subsystem
27 x GPIOs, 2 OVTs
Peripherals
Peripheral Interconnect (MMIO)
PCLK
High Speed I/O Matrix
2 x USB-PD 3.0
Power Modes
DFT Logic
Test
DFT Analog
System Resources
Lite
Power
Clock
WDT
ILO
Reset
Clock Control
IMO
Sleep Control
PWRSYS
REF
POR
WIC
Reset Control
XRES
Pads, ESD
CPU Subsystem
SRAM
8 KB
SRAM Controller
ROM
8 KB
ROM Controller
FLASH
128 KB
Read Accelerator
SPCIF
SWD/TC
NVIC, IRQMX
Cortex
M0
48 MHz
FAST MUL
System Interconnect (Single Layer AHB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com