Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 14Page - Cypress Semiconductor CCG4 Datasheet HTML 15Page - Cypress Semiconductor CCG4 Datasheet HTML 16Page - Cypress Semiconductor CCG4 Datasheet HTML 17Page - Cypress Semiconductor CCG4 Datasheet HTML 18Page - Cypress Semiconductor CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor CCG4 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 18 of 35
EZ-PD™ CCG4
Figure 8. CCG4 in a Single Port Notebook Application using CYPD4125-40LQXIT
CCG4
(CYPD4125-40LQXIT)
40-QFN
11
20
CC2_P1
7
CC1_P1
9
SWD_IO/AR_RST#
1
SWD_CLK/I2C_CFG_EC
2
HPD_P1/GPIO
18
VCONN_MON__P1/GPIO
19
XRES
14
0.1µF
3.3V
VDDIO
1µF
VBUS_P_CTRL_P1
VBUS_DISCHARGE_P1
TYPE-C
RECEPTACLE 1
VBUS (5-20V)
VBUS_SOURCE
VBUS_P_CTRL_P1
DC/DC
OR
AC-DC
SECONDARY
(5-20V)
OPTIONAL VDDIO SUPPLY. CAN SHORT
TO VDDD IN SINGLE SUPPLY SYSTEMS.
VSEL_2_P1
VSEL_1_P1
330pF
330pF
5.0V
1µF
1µF
5.0V
VBUS_DISCHARGE_P1
36
37
NC
24
NC
22
GPIO
38
GPIO
VBUS_SINK
CHARGER
OVP_TRIP_P1
SBU
VDDIO
EMBEDDED
CONTROLLER
EPAD
I2C_SCL_SCB1_EC
17
16
4
3
5
6
25
I2C_SDA_SCB1_EC
15
I2C_SCL_SCB2_AR
I2C_SDA_SCB2_AR/VSEL_1_P1
I2C_INT_AR_P1
GPIO
SCL_3
SDA_3/MUX_CTRL_3_P1/VSEL_2_P1
26
29
SCL_4/MUX_CTRL_1_P1
SDA_4/MUX_CTRL_2_P1
28
VSS
I2C_INT_EC
I2C MASTER FOR ALT MODE
MUX CONTROL CONNECTED TO
TYPE-C PORT1
I2C_SCL
I2C_SDA
10
21
VDDIO
0.1µF
HPD_P1
VBUS_MON_P1/GPIO
13 VBUS_MON_P1
VBUS_C_CTRL_P1
12
GPIO
35
VBUS_C_CTRL_P1
GPIO
GPIO
VBUS_P_CTRL_P1
VBUS_DISCHARGE_P1
GPIO
30
GPIO
GPIO
100 KO
10 O
100 KO
49.9KO
100 KO
200O
100 KO
10 O
100 KO
100 KO
10 KO
0.1µF
VBUS
2.2 KO
2.2 KO
2.2 KO
TO DISPLAY_PORT
CONTROLLER 1
VSEL_1_P1
VSEL_2_P1
27
34
39
GPIO
40
GPIO
2.2 KO
VDDIO
2.2 KO
RX
MUX
AUX P/N
ML_LANE_[0:3]N
I2C_SCL
HS
USB 3.0
HOST
2
SSTX/RX
4
DISPLAY PORT
CONTROLLER 1
HPD_P1
ML_LANE_[0:3]P
4
4
2
I2C_SDA
TX
4
4
2
2
2
CC1
CC2
GND
VBUS
4.7 uF
4.7 uF
4.7 uF
100 KO
10 O
49.9KO
100 KO
VBUS_C_CTRL_P1
100 KO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com