Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor CCG4 Datasheet HTML 22Page - Cypress Semiconductor CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor CCG4 Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 23 of 35
EZ-PD™ CCG4
Digital Peripherals
The following specifications apply to the Timer/Counter/PWM peripherals in the Timer mode.
Pulse Width Modulation (PWM) for GPIO Pins
I2C
UART
SPI
Table 14. PWM AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max Units
Details/Conditions
SID.TCPWM.3
TCPWMFREQ Operating frequency
–
Fc
–
MHz Fc max = CLK_SYS. Maximum = 48 MHz
SID.TCPWM.4
TPWMENEXT Input trigger pulse width
–
2/Fc
–
ns
For all trigger events
SID.TCPWM.5
TPWMEXT
Output trigger pulse width
–
2/Fc
–
ns
Minimum possible width of Overflow,
Underflow, and CC (Counter equals
Compare value) outputs
SID.TCPWM.5A
TCRES
Resolution of counter
–
1/Fc
–
ns
Minimum time between successive
counts
SID.TCPWM.5B
PWMRES
PWM resolution
–
1/Fc
–
ns
Minimum pulse width of PWM output
SID.TCPWM.5C QRES
Quadrature inputs resolution
–
1/Fc
–
ns
Minimum pulse width between
quadrature-phase inputs
Table 15. Fixed I2C AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID153
FI2C1
Bit rate
–
–
1
Mbps
–
Table 16. Fixed UART AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID162
FUART
Bit rate
–
–
1
Mbps
–
Table 17. Fixed SPI AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID166
FSPI
SPI operating frequency
(Master; 6X oversampling)
–
–
8
MHz
–
Table 18. Fixed SPI Master Mode AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
SID167
TDMO
MOSI valid after SClock
driving edge
–
–
15
ns
–
SID168
TDSI
MISO valid before SClock
capturing edge
20
–
–
ns
Full clock, late MISO sampling
SID169
THMO
Previous MOSI data hold
time
0
–
–
ns
Referred to Slave capturing edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com