Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor CCG4 Datasheet HTML 10Page - Cypress Semiconductor CCG4 Datasheet HTML 11Page - Cypress Semiconductor CCG4 Datasheet HTML 12Page - Cypress Semiconductor CCG4 Datasheet HTML 13Page - Cypress Semiconductor CCG4 Datasheet HTML 14Page - Cypress Semiconductor CCG4 Datasheet HTML 15Page - Cypress Semiconductor CCG4 Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 12 of 35
EZ-PD™ CCG4
GPIOs
and Serial
Interfaces
GPIO
27
SCB3 (see Table 3 on page 13 through Table 6 on page 13)/GPIO
VBUS_MON_P1/GPIO
13
VBUS_MON_P1 (VBUS overvoltage protection monitoring
signal)/GPIO
HPD_P1/GPIO
18
HPD_P1 (Hot Plug Detect I/O for port 1)/GPIO
GPIO
21
GPIO
GPIO
30
GPIO
34
GPIO
35
GPIO/SCB4 (see Table 3 on page 13 through Table 6 on page 13)
GPIO
36
GPIO
37
GPIO
GPIO
38
GPIO
39
GPIO
40
I2C_SCL_SCB1_EC
17
SCB1/SCB4 (see Table 3 on page 13 through Table 6 on page 13)
I2C_SDA_SCB1_EC
16
SCB1/SCB3 (see Table 3 on page 13 through Table 6 on page 13)
I2C_INT_EC
15
I2C interrupt line
I2C_SCL_SCB2_AR
4
SCB2 (see Table 3 on page 13 through Table 6 on page 13)
I2C_SDA_SCB2_AR/VSEL_1_P1
3
SCB1 or SCB2 (see Table 3 on page 13 through
Table 6 on page 13) or voltage selection control for VBUS on
port 2
I2C_INT_AR_P1/OCP_DET_P1
5
I2C interrupt line or VBUS Overcurrent Protection Input for port 1
(Active LOW)
GPIO
6
GPIO/SCB1/SCB2 (see Table 3 on page 13 through Table 6 on
page 13)
SCL_3/GPIO
25
GPIO/SCB3 (see Table 3 through Table 6)
SDA_3/MUX_CTRL_3_P1/VSEL_2_P1
26
SCB3 (see Table 3 on page 13 through Table 6 on page 13) or
MUX_CTRL_3_P1 (Mux control for port 1), or Voltage selection
control for VBUS on port 1
SCL_4/MUX_CTRL_1_P1
29
SCB3 (see Table 3 on page 13 through Table 6 on page 13) or
MUX_CTRL_1_P1 (Mux control for port 1)
SDA_4/MUX_CTRL_2_P1
28
SCB4 (see Table 3 on page 13 through Table 6 on page 13) or
MUX_CTRL_2_P1 (Mux control for port 1)
SWD_IO/AR_RST#
1
Serial wire debug I/O (SWD IO)/SCB1. See Table 3 on page 13
through Table 6 on page 13 or Alpine Ridge Reset.
SWD_CLK/I2C_CFG_EC
2
SWD Clock/I2C_CFG_EC
Reset
XRES[4]
10
Reset input (active LOW)
Power
V5V_P1
8
2.7-V to 5.5-V supply for VCONN FET of Type-C port 1
VDDIO
32
1.71-V to 5.5-V supply for I/Os
VCCD
33
1.8-V regulator output for filter capacitor. This pin cannot drive
external load.
VDDD
31
VDDD supply I/O (2.7 V to 5.5 V)
VSS
EPAD
Ground supply
No
Connect
NC
22
These pins are not bonded
NC
23
NC
24
Table 2. Pinout for CYPD4125-40LQXIT and CYPD4126-40LQXIT (continued)
Group
Pin Name
Pin Number
Description
Note
4. This is firmware configurable GPIO. By default, this pin is floating. Firmware can add pull-up/pull-down and enable/disable IO buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com