Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 18Page - Cypress Semiconductor CCG4 Datasheet HTML 19Page - Cypress Semiconductor CCG4 Datasheet HTML 20Page - Cypress Semiconductor CCG4 Datasheet HTML 21Page - Cypress Semiconductor CCG4 Datasheet HTML 22Page - Cypress Semiconductor CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 22 of 35
EZ-PD™ CCG4
I/O
XRES
Table 11. I/O DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.GIO#37
VIH[9]
Input voltage HIGH threshold 0.7 × VDDIO
–
–
V
CMOS input
SID.GIO#38
VIL
Input voltage LOW threshold
–
–
0.3 × VDDIO
V
CMOS input
SID.GIO#39
VIH[9]
LVTTL input, VDDIO < 2.7 V
0.7× VDDIO
––
V
–
SID.GIO#40
VIL
LVTTL input, VDDIO < 2.7 V
–
–
0.3 × VDDIO
V–
SID.GIO#41
VIH[9]
LVTTL input, VDDIO  2.7 V
2.0
–
–
V
–
SID.GIO#42
VIL
LVTTL input, VDDIO  2.7 V
–
–
0.8
V
–
SID.GIO#33
VOH
Output voltage HIGH level
VDDIO –0.6
–
–
V
IOH = 4 mA at 3 V VDDIO
SID.GIO#34
VOH
Output voltage HIGH level
VDDIO –0.5
–
–
V
IOH = 1 mA at 1.8 V VDDIO
SID.GIO#35
VOL
Output voltage LOW level
–
–
0.4
V
IOL = 4 mA at 1.8 V VDDIO
SID.GIO#36
VOL
Output voltage LOW level
–
–
0.6
V
IOL = 8 mA at 3 V VDDIO
SID.GIO#5
RPULLUP
Pull-up resistor
3.5
5.6
8.5
kΩ
–
SID.GIO#6
RPULLDOWN Pull-down resistor
3.5
5.6
8.5
kΩ
–
SID.GIO#16
IIL
Input leakage current
(absolute value)
–
–
2
nA
25 °C, VDDIO = 3.0 V
SID.GIO#17
CIN
Input capacitance
–
–
7
pF
–
SID.GIO#43
VHYSTTL
Input hysteresis LVTTL
25
40
–
mV
VDDIO  2.7 V. Guaranteed
by characterization.
SID.GPIO#44
VHYSCMOS
Input hysteresis CMOS
0.05 × VDDIO –
–
mV
Guaranteed by
characterization
SID69
IDIODE
Current through protection
diode to VDDIO/Vss
–
–
100
µA
Guaranteed by
characterization
SID.GIO#45
ITOT_GPIO
Maximum total source or sink
chip current
–
–
200
mA
Guaranteed by
characterization
Table 12. I/O AC Specifications
(Guaranteed by Characterization)
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID70
TRISEF
Rise time
2
–
12
ns
3.3-V VDDIO, Cload = 25 pF
SID71
TFALLF
Fall time
2
–
12
ns
3.3-V VDDIO, Cload = 25 pF
Table 13. XRES DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.XRES#1
VIH
Input voltage HIGH threshold 0.7 × VDDIO –
–
V
CMOS input
SID.XRES#2
VIL
Input voltage LOW threshold
–
–
0.3 × VDDIO
V
CMOS input
SID.XRES#3
CIN
Input capacitance
–
–
7
pF
–
SID.XRES#4
VHYSXRES
Input voltage hysteresis
–
–
0.05 × VDDIO mV Guaranteed by
characterization
Note
9. VIH must not exceed VDDIO + 0.2 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com