Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor CCG4 Datasheet HTML 27Page - Cypress Semiconductor CCG4 Datasheet HTML 28Page - Cypress Semiconductor CCG4 Datasheet HTML 29Page - Cypress Semiconductor CCG4 Datasheet HTML 30Page - Cypress Semiconductor CCG4 Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 27 of 35
EZ-PD™ CCG4
Ordering Information
The EZ-PD CCG4 part numbers and features are listed in Table 29.
Ordering Code Definitions
Table 29. EZ-PD CCG4 Ordering Information
Part Number
Application
Type-C
Ports TCPWM
PD
Spec#
Dead Battery
Termination
Termination
Resistor
Role
Package
CYPD4125-40LQXIT Notebooks, desktops
1
4
PD2.0
Yes
RP[11], RD[12], RD-DB[12]
DRP
40-pin QFN
CYPD4225-40LQXIT Notebooks, desktops
2
4
PD2.0
Yes
RP[11], RD[12], RD-DB[12]
DRP
40-pin QFN
CYPD4126-40LQXIT Notebooks, desktops
1
2
PD3.0
Yes
RP[11], RD[12], RD-DB[12]
DRP
40-pin QFN
CYPD4226-40LQXIT Notebooks, desktops
2
2
PD3.0
Yes
RP[11], RD[12], RD-DB[12]
DRP
40-pin QFN
CYPD4236-40LQXIT Docking station
2
2
PD3.0
No
RP[11], RD[12]
DRP
40-pin QFN
CYPD4126-24LQXIT Notebooks, desktops
1
2
PD3.0
Yes
RP[11], RD[12], RD-DB[12]
DRP
24-pin QFN
CYPD4136-24LQXIT Docking station
1
2
PD3.0
No
RP[11], RD[12]
DRP
24-pin QFN
T = Tape and Reel
Temperature Grade:
I = Industrial
Pb-free
Package Type: XX = FN, LH or LQ
FN = CSP; LH = DFN; LQ = QFN
Number of pins in the package: XX = 14, 20, 24, or 40
Device Role: Unique combination of role and termination:
X = 2 or 3 or 4 or 5 or 6
Feature: Unique Applications
Number of Type-C Ports: 1 = 1 Port, 2 = 2 Ports
Product Type: 4 = Fourth-generation product family, CCG4
Marketing Code: PD = Power Delivery product family
Company ID: CY = Cypress
CY
XX
PD
4 1/2 0
XX
-
I
X
X
T
Notes
11. Termination resistor denoting a downstream facing port.
12. Termination resistor denoting an accessory or upstream facing port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com