Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 26 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 22Page - Cypress Semiconductor CCG4 Datasheet HTML 23Page - Cypress Semiconductor CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor CCG4 Datasheet HTML 27Page - Cypress Semiconductor CCG4 Datasheet HTML 28Page - Cypress Semiconductor CCG4 Datasheet HTML 29Page - Cypress Semiconductor CCG4 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 26 of 35
EZ-PD™ CCG4
Power Down
Analog to Digital Converter
Table 26. PD DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.PD.1
Rp_std
DFP CC termination for default USB
Power
64
80
96
µA
–
SID.PD.2
Rp_1.5A
DFP CC termination for 1.5A power
166
180
194
µA
–
SID.PD.3
Rp_3.0A
DFP CC termination for 3.0A power
304
330
356
µA
–
SID.PD.4
Rd
UFP CC termination
4.59
5.1
5.61
kΩ
–
SID.PD.5
Rd_DB
UFP Dead Battery CC termination on
CC1 and CC2
4.08
5.1
6.12
kΩ
All supplies forced to 0 V and
1.0 V applied at CC1 or CC2.
Applicable for DRP
applications only.
SID.PD.15
Vdrop_V5V_CC1
Voltage drop from V5V_P1 and
V5V_P2 pins to CC1 pin while
sourcing 215 mA.
CC1 and CC2 pins of Port1 and
Port2 are not short circuit protected.
Max sourcing current allowed is
500 mA.
–
–
100
mV
–
SID.PD.16
Vdrop_V5V_CC2
Voltage drop from V5V_P1 and
V5V_P2 pins to CC2 pin while
sourcing 215 mA.
CC1 and CC2 pins of Port1 and
Port2 are not short circuit protected.
Max allowed sourcing current is
500 mA.
–
–
100
mV
–
Table 27. ADC DC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.ADC.1
Resolution
ADC resolution
–
8
–
bits
–
SID.ADC.2
INL
Integral nonlinearity
–1.5
–
1.5
LSB
–
SID.ADC.3
DNL
Differential nonlinearity
–2.5
–
2.5
LSB
–
SID.ADC.4
Gain Error
Gain error
–1.0
–
1.0
LSB
–
Table 28. ADC AC Specifications
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
SID.ADC.5
SLEW_Max
Rate of change of sampled voltage
signal
–
–
3
V/ms
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com