Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CCG4 Datasheet HTML 1Page - Cypress Semiconductor CCG4 Datasheet HTML 2Page - Cypress Semiconductor CCG4 Datasheet HTML 3Page - Cypress Semiconductor CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
EZ-PD™ CCG4
USB Type-C Port Controller
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-98440 Rev. *J
Revised January 25, 2018
USB Type-C Port Controller
General Description
EZ-PD™ CCG4 is a dual USB Type-C controller that complies with the latest USB Type-C and PD standards. EZ-PD CCG4 provides
a complete dual USB Type-C and USB-Power Delivery port control solution for notebooks, power adapters and docking stations. It
can also be used in dual role and downstream facing port applications. EZ-PD CCG4 uses Cypress’s proprietary M0S8 technology
with a 32-bit, 48-MHz ARM® Cortex®-M0 processor with 128 KB flash and integrates two complete Type-C Transceivers including the
Type-C termination resistors RP and RD.
Applications
■ Notebooks
■ Power adapters
■ Docking stations
Features
32-bit MCU Subsystem
■ 48-MHz ARM Cortex-M0 CPU
■ 128-KB Flash
■ 8-KB SRAM
Integrated Digital Blocks
■ Up to four integrated timers and counters to meet response
times required by the USB-PD protocol
■ Four run-time serial communication blocks (SCBs) with
re-configurable I2C, SPI, or UART functionality
Clocks and Oscillators
■ Integrated oscillator eliminating the need for external clock
Type-C and USB-PD Support
■ Integrated USB Power Delivery 3.0 support
■ Two integrated USB-PD BMC transceivers
■ Integrated UFP[1] (RD) and current sources for DFP
[2] (RP) on
both Type-C ports
■ Integrated dead battery termination for DRP (Power
Source/Sink) applications
■ Supports two USB Type-C ports
■ Integrated VCONN FETs to power EMCA cables
■ Integrated fast role swap and extended data messaging
Low-Power Operation
■ 2.7-V to 5.5-V operation
■ Independent supply voltage pin for GPIO that allows 1.71-V to
5.5-V signaling on the I/Os
■ Reset: 1.0 µA, Deep Sleep: 2.5 µA, Sleep: 2.5 mA
System-Level ESD on CC Pins
■ ± 8-kV Contact Discharge and ±15-kV Air Gap Discharge based
on IEC61000-4-2 level 4C
Hot Swappable I/Os
■ Port 1 I2C pins and CC1, CC2 pins are hot-swappable
Packages
■ 4.0 mm  4.0 mm, 0.5 mm, 24-pin QFN
■ 6.0 mm  6.0 mm, 0.6 mm, 40-pin QFN
■ Supports industrial temperature range (–40 °C to +85 °C)
Notes
1. UFP refers to Power Sink.
2. DFP refers to Power Source.


Similar Part No. - CCG4

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CCG TDK-CCG Datasheet
3Mb / 8P
1.3 to 10.8W DC-DC Converters
February 21st 2023 V5
logo
CUI INC
CCG-1206 CUI-CCG-1206 Datasheet
347Kb / 4P
magnetic buzzer
CCG-1206 CUI-CCG-1206 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
logo
CUI Devices
CCG-1206 CUID-CCG-1206 Datasheet
586Kb / 4P
MAGNETIC BUZZER TRANSDUCER
08/05/2022
logo
CUI INC
CCG-1206 CUI-CCG-1206_V01 Datasheet
619Kb / 4P
MAGNETIC BUZZER TRANSDUCER
09/15/2021
More results

Similar Description - CCG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB319-Q1 TI1-TUSB319-Q1 Datasheet
442Kb / 19P
USB Type-C DFP Port Controller
logo
Cypress Semiconductor
CCG3PA CYPRESS-CCG3PA Datasheet
593Kb / 37P
USB Type-C Port Controller
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com