Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor CCG4 Datasheet HTML 10Page - Cypress Semiconductor CCG4 Datasheet HTML 11Page - Cypress Semiconductor CCG4 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 8 of 35
EZ-PD™ CCG4
Pinouts
Table 1. Pinout for CYPD4225-40LQXIT, CYPD4226-40LQXIT, and CYPD4236-40LQXIT
Group
Pin Name
Pin Number
Description
USB
Type-C
Port 1
CC1_P1
9
USB PD connector detect/Configuration Channel 1
CC2_P1
7
USB PD connector detect/Configuration Channel 2
USB
Type-C
Port 2
CC1_P2
22
USB PD connector detect/Configuration Channel 1
CC2_P2
24
USB PD connector detect/Configuration Channel 2
VBUS
Control
VBUS_P_CTRL_P1
11
Full rail control I/O for enabling/disabling Provider load FET of
USB Type-C port 1
VBUS_C_CTRL_P1
12
Full rail control I/O for enabling/disabling Consumer load FET of
USB Type-C port 1/SCB1 (see Table 3 on page 13 through
Table 6 on page 13)
VBUS_P_CTRL_P2
39
Full rail control I/O for enabling/disabling Provider load FET of
USB Type-C port 2
VBUS_C_CTRL_P2
38
Full rail control I/O for enabling/disabling Consumer load FET of
USB Type-C port 2
VBUS_DISCHARGE_P1
20
I/O used for discharging VBUS line during voltage change
VBUS_DISCHARGE_P2
40
I/O used for discharging VBUS line during voltage change
VCONN
Control
VCONN_MON_P1/GPIO
19
VCONN_MON_P1 (Monitor VCONN for UVP condition on port
1)/GPIO
SCL_3/VCONN_MON_P2
25
SCB3 (see Table 3 on page 13 through Table 6 on page 13) or
VCONN_MON_P2(Monitor VCONN for UVP condition on port 2)
Overvolta
ge
Protection
(OVP)
OVP_TRIP_P1
14
VBUS overvoltage output indicator for port 1 (active LOW)
OVP_TRIP_P2
21
VBUS overvoltage output indicator for port 2 (active LOW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com