Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 24Page - Cypress Semiconductor CCG4 Datasheet HTML 25Page - Cypress Semiconductor CCG4 Datasheet HTML 26Page - Cypress Semiconductor CCG4 Datasheet HTML 27Page - Cypress Semiconductor CCG4 Datasheet HTML 28Page - Cypress Semiconductor CCG4 Datasheet HTML 29Page - Cypress Semiconductor CCG4 Datasheet HTML 30Page - Cypress Semiconductor CCG4 Datasheet HTML 31Page - Cypress Semiconductor CCG4 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 28 of 35
EZ-PD™ CCG4
Packaging
Figure 9. 40-Pin QFN (6 × 6 × 0.6 mm), LR40A/LQ40A 4.6 × 4.6 E-PAD (Sawn) Package Outline, 001-80659
Table 30. Package Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Units
TA
Operating ambient temperature
–
–40
25
85
°C
TJ
Operating junction temperature
–
–40
–
100
°C
TJA
Package
JA (40-pin QFN)
–
–
31
–
°C/W
TJC
Package
JC (40-pin QFN)
–
–
29
–
°C/W
TJA
Package
JA (24-pin QFN)
–
–
22
–
°C/W
TJC
Package
JC (24-pin QFN)
–
–
29
–
°C/W
Table 31. Solder Reflow Peak Temperature
Package
Maximum Peak Temperature
Maximum Time within 5 °C of Peak Temperature
24-pin QFN
260 °C
30 seconds
40-pin QFN
260 °C
30 seconds
Table 32. Package Moisture Sensitivity Level (MSL), IPC/JEDEC J-STD-2
Package
MSL
24-pin QFN
MSL 3
40-pin QFN
MSL 3
001-80659 *A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com