Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 2Page - Cypress Semiconductor CCG4 Datasheet HTML 3Page - Cypress Semiconductor CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor CCG4 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 6 of 35
EZ-PD™ CCG4
Figure 2. USB-PD Subsystem
System Resources
Power System
The power system is described in detail in the section Power on
page 16. It provides the assurance that voltage levels are as
required for each respective mode and either delay mode entry
(on power-on reset (POR), for example) until voltage levels are
as required for proper function or generate resets (brown-out
detect (BOD)) or interrupts (low voltage detect (LVD)). EZ-PD
CCG4 can operate from three different power sources over the
range of 2.7 to 5.5 V and has three different power modes,
transitions between which are managed by the power system.
EZ-PD CCG4 provides Sleep and Deep Sleep low-power
modes.
Clock System
The clock system for EZ-PD CCG4 consists of the internal main
oscillator (IMO) and the internal low-power oscillator (ILO).
4b5b
Encoder
SOP
Detect
CRC
4b5b
Decoder
Tx_data
from AHB
Rx_data
to AHB
To/ from AHB
vref
iref
To/From System Resources
SOP
Insert
2 x 8-bit ADC
per Type-C port
From AMUX
CC detect
TX
RX
CC2
CC1
Ref
8kV IEC ESD
Active
Rd
Rp
RD1
DB
Rd
Comp
CC control
Enable Logic
TxRx Enable
BMC
Decoder
BMC
Encoder
2 x Digital Baseband PHY
2 x Analog Baseband PHY
Deep Sleep
Vref & Iref Gen
vref, iref
Tx
SRAM
Rx
SRAM
Deep Sleep Reference Enable
Functional, Wakeup Interrupts
RD2
V5V
VCONN
FETs
VCONN FET Enable
RD1 shorted to CC1 and RD2 shorted to CC2 for DRP applications using
bondwire. For DFP applications, RD1 and RD2 not shorted to CC1 and CC2.
Dead Battery (DB) Rd termination removed after MCU boots up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com