Electronic Components Datasheet Search
  English  ▼

X  

CCG4 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CCG4
Description  USB Type-C Port Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CCG4 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CCG4 Datasheet HTML 3Page - Cypress Semiconductor CCG4 Datasheet HTML 4Page - Cypress Semiconductor CCG4 Datasheet HTML 5Page - Cypress Semiconductor CCG4 Datasheet HTML 6Page - Cypress Semiconductor CCG4 Datasheet HTML 7Page - Cypress Semiconductor CCG4 Datasheet HTML 8Page - Cypress Semiconductor CCG4 Datasheet HTML 9Page - Cypress Semiconductor CCG4 Datasheet HTML 10Page - Cypress Semiconductor CCG4 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Document Number: 001-98440 Rev. *J
Page 7 of 35
EZ-PD™ CCG4
Peripherals
Serial Communication Blocks (SCB)
EZ-PD CCG4 has four SCBs, which can be configured to
implement an I2C, SPI, or UART interface. The hardware I2C
blocks implement full multi-master and slave interfaces capable
of multimaster arbitration. In the SPI mode, the SCB blocks can
be configured to act as a master or a slave.
In the I2C mode, the SCB blocks are capable of operating at
speeds up to 1 Mbps (Fast Mode Plus) and have flexible
buffering options to reduce interrupt overhead and latency for the
CPU. These blocks also support I2C that creates a mailbox
address range in the memory of EZ-PD CCG4 and effectively
reduce I2C communication to reading from and writing to an
array in memory. In addition, the blocks support 8-deep FIFOs
for receive and transmit which, by increasing the time given for
the CPU to read data, greatly reduce the need for clock
stretching caused by the CPU not having read data on time.
The I2C peripherals are compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/Os are implemented with GPIO in open-drain modes.
The I2C port on SCB 2, SCB 3 and SCB 4 blocks of EZ-PD CCG4
are not completely compliant with the I2C spec in the following:
■ The GPIO cells for SCB 2 to SCB 4 I2C port are not
overvoltage-tolerant and, therefore, cannot be hot-swapped or
powered up independently of the rest of the I2C system.
■ Fast-mode Plus has an IOL specification of 20 mA at a VOL of
0.4 V. The GPIO cells can sink a maximum of 8-mA IOL with a
VOL maximum of 0.6 V.
■ Fast-mode and Fast-mode Plus specify minimum Fall times,
which are not met with the GPIO cell; Slow strong mode can
help meet this spec depending on the bus load.
Timer/Counter/PWM Block (TCPWM)
EZ-PD CCG4 has up to four TCPWM blocks. Each implements
a 16-bit timer, counter, pulse-width modulator (PWM), and
quadrature decoder functionality. The block can be used to
measure the period and pulse width of an input signal (timer),
find the number of times a particular event occurs (counter),
generate PWM signals, or decode quadrature signals.
GPIO
EZ-PD CCG4 has 30 GPIOs that includes the I2C and SWD pins,
which can also be used as GPIOs. The I2C pins from only
SCB 1 are overvoltage-tolerant. The number of available GPIOs
vary with the part numbers. The GPIO block implements the
following:
■ Seven drive strength modes:
❐ Input only
❐ Weak pull-up with strong pull-down
❐ Strong pull-up with weak pull-down
❐ Open drain with strong pull-down
❐ Open drain with strong pull-up
❐ Strong pull-up with strong pull-down
❐ Weak pull-up with weak pull-down
■ Input threshold select (CMOS or LVTTL)
■ Individual control of input and output buffer enabling/disabling
in addition to the drive strength modes
■ Hold mode for latching previous state (used for retaining I/O
state in Deep Sleep mode)
■ Selectable slew rates for dV/dt related noise control to improve
EMI
During power-on and reset, the I/O pins are forced to the disable
state so as not to crowbar any inputs and/or cause excess
turn-on current. A multiplexing network known as a high-speed
I/O matrix is used to multiplex between various signals that may
connect to an I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com