Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 15Page - National Semiconductor (TI) CS5530A Datasheet HTML 16Page - National Semiconductor (TI) CS5530A Datasheet HTML 17Page - National Semiconductor (TI) CS5530A Datasheet HTML 18Page - National Semiconductor (TI) CS5530A Datasheet HTML 19Page - National Semiconductor (TI) CS5530A Datasheet HTML 20Page - National Semiconductor (TI) CS5530A Datasheet HTML 21Page - National Semiconductor (TI) CS5530A Datasheet HTML 22Page - National Semiconductor (TI) CS5530A Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 259 page
background image
Revision 1.1
19
www.national.com
Signal Definitions (Continued)
Table 2-3. 352 PBGA Pin Assignments - Sorted Alphabetically by Signal Name
Signal Name
Pin Type1 Buffer Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode
AD0
I/O
PCI
A15
AD1
I/O
PCI
D14
AD2
I/O
PCI
C16
AD3
I/O
PCI
B15
AD4
I/O
PCI
C17
AD5
I/O
PCI
B16
AD6
I/O
PCI
B17
AD7
I/O
PCI
A16
AD8
I/O
PCI
D18
AD9
I/O
PCI
A17
AD10
I/O
PCI
A19
AD11
I/O
PCI
B19
AD12
I/O
PCI
A18
AD13
I/O
PCI
C20
AD14
I/O
PCI
B20
AD15
I/O
PCI
A20
AD16
I/O
PCI
A26
AD17
I/O
PCI
A25
AD18
I/O
PCI
B25
AD19
I/O
PCI
B26
AD20
I/O
PCI
E24
AD21
I/O
PCI
C25
AD22
I/O
PCI
C26
AD23
I/O
PCI
E25
AD24
I/O
PCI
F25
AD25
I/O
PCI
G24
AD26
I/O
PCI
D25
AD27
I/O
PCI
F26
AD28
I/O
PCI
G25
AD29
I/O
PCI
G26
AD30
I/O
PCI
J24
AD31
I/O
PCI
H25
AEN
O
8 mA
AE8
AVDD1 (DAC)
I, Analog
--
U1
AVDD2 (VREF)
I, Analog
--
T3
AVDD3 (DAC)
I, Analog
--
N4
AVDD_USB
PWR
--
AB4
AVSS1 (DAC)
I, Analog
--
R2
AVSS2 (ICAP)
I, Analog
--
R4
AVSS3 (VREF)
I, Analog
--
T4
AVSS4 (ICAP)
I, Analog
--
P1
AVSS5 (DAC)
I, Analog
--
P2
AVSS_USB
GND
--
AA4
BALE
O
8 mA
AF9
BIT_CLK
I
8 mA
V2
C/BE0#
I/O
PCI
B18
C/BE1#
I/O
PCI
B21
C/BE2#
I/O
PCI
A24
C/BE3#
I/O
PCI
D26
CLK_14MHZ
I (SMT)
CLK
P24
CLK_32K
I/O
8 mA
AE3
CPU_RST
O
8 mA
K25
DACK0#
O
8 mA
AD8
DACK1#
O
8 mA
AC8
DACK2#
O
8 mA
AF8
DACK3#
O
8 mA
AF7
DACK5#
O
8 mA
AE7
DACK6#
O
8 mA
AD7
DACK7#
O
8 mA
AC7
DCLK
O
DOTCLK
A10
DDC_SCL
O
8 mA
M2
DDC_SDA
I/O
8 mA
M4
DEVSEL#
I/O
PCI
A23
D–_PORT1
I/O
USB
Y1
D+_PORT1
I/O
USB
Y2
D–_PORT2
I/O
USB
AA1
D+_PORT2
I/O
USB
AA2
DRQ0
I
8 mA
AE18
DRQ1
I
8 mA
AD12
DRQ2
I
8 mA
AE10
DRQ3
I
8 mA
AD13
DRQ5
I
8 mA
AD18
DRQ6
I
8 mA
AE20
DRQ7
I
8 mA
AF22
ENA_DISP
I
8 mA
B1
EXTVREFIN
I, Analog
--
T2
FP_CLK
No Function
O
FP_CLK
M1
FP_CLK_EVEN
No Function
O
8 mA
L3
FP_DATA0
SA0
I/O
8 mA
K3
FP_DATA1
SA1
I/O
8 mA
J2
FP_DATA2
SA2
I/O
8 mA
J3
FP_DATA3
SA3
I/O
8 mA
J1
FP_DATA4
SA4
I/O
8 mA
H1
FP_DATA5
SA5
I/O
8 mA
G2
FP_DATA6
SA6
I/O
8 mA
G4
FP_DATA7
SA7
I/O
8 mA
G3
FP_DATA8
SA8
I/O
8 mA
G1
FP_DATA9
SA9
I/O
8 mA
F1
FP_DATA10
SA10
I/O
8 mA
E2
FP_DATA11
SA11
I/O
8 mA
D1
FP_DATA12
SA12
I/O
8 mA
L1
FP_DATA13
SA13
I/O
8 mA
K2
FP_DATA14
SA14
I/O
8 mA
K1
FP_DATA15
SA15
I/O
8 mA
H2
FP_DATA16
SA_OE#
O
8 mA
H3
FP_DATA17
MASTER#
I/O
8 mA
F3
FP_DISP_ENA_OUT
No Function
O
8 mA
F2
FP_ENA_BKL
No Function
O
8 mA
J4
FP_ENA_VDD
No Function
O
8 mA
L2
FP_HSYNC
No Function
I
8 mA
C2
FP_HSYNC_OUT
SMEMW#
O
8 mA
E1
FP_VSYNC
No Function
I
8 mA
C1
FP_VSYNC_OUT
SMEMR#
O
8 mA
E3
FRAME#
I/O
PCI
C23
Signal Name
Pin Type1 Buffer Type2
Pin
No.
Limited ISA
Mode
ISA Master
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com