Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 54 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 50Page - National Semiconductor (TI) CS5530A Datasheet HTML 51Page - National Semiconductor (TI) CS5530A Datasheet HTML 52Page - National Semiconductor (TI) CS5530A Datasheet HTML 53Page - National Semiconductor (TI) CS5530A Datasheet HTML 54Page - National Semiconductor (TI) CS5530A Datasheet HTML 55Page - National Semiconductor (TI) CS5530A Datasheet HTML 56Page - National Semiconductor (TI) CS5530A Datasheet HTML 57Page - National Semiconductor (TI) CS5530A Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 259 page
background image
www.national.com
54
Revision 1.1
Functional Description (Continued)
Table 3-10. F4BAR+Memory Offset 24h[22:12] Decode (Value of “N”)
N
Reg.
Value
400
33A
399
674
398
4E8
397
1D0
396
3A0
395
740
394
681
393
502
392
205
391
40B
390
16
389
2D
388
5B
387
B7
386
16F
385
2DE
384
5BD
383
37B
382
6F6
381
5EC
380
3D9
379
7B2
378
765
377
6CB
376
596
375
32D
374
65A
373
4B4
372
168
371
2D0
370
5A1
369
343
368
686
367
50C
366
219
365
433
364
66
363
CD
362
19B
361
336
360
66C
359
4D8
358
1B0
357
360
356
6C0
355
580
354
301
353
602
352
404
351
8
350
11
349
23
348
47
347
8F
346
11F
345
23E
344
47D
343
FA
342
1F5
341
3EA
340
7D4
339
7A9
338
753
337
6A7
336
54E
335
29D
334
53B
333
277
332
4EF
331
1DE
330
3BC
329
778
328
6F1
327
5E2
326
3C5
325
78A
324
715
323
62B
322
456
321
AC
320
159
319
2B2
318
565
317
2CB
316
597
315
32F
314
65E
313
4BC
312
178
311
2F0
310
5E1
309
3C3
308
786
307
70D
306
61B
305
436
304
6C
303
D9
302
1B3
301
366
300
6CC
299
598
N
Reg.
Value
298
331
297
662
296
4C4
295
188
294
310
293
620
292
440
291
80
290
101
289
202
288
405
287
A
286
15
285
2B
284
57
283
AF
282
15F
281
2BE
280
57D
279
2FB
278
5F7
277
3EF
276
7DE
275
7BD
274
77B
273
6F7
272
5EE
271
3DD
270
7BA
269
775
268
6EB
267
5D6
266
3AD
265
75A
264
6B5
263
56A
262
2D5
261
5AB
260
357
259
6AE
258
55C
257
2B9
256
573
255
2E7
254
5CF
253
39F
252
73E
251
67D
250
4FA
249
1F4
248
3E8
N
Reg.
Value
247
7D0
246
7A1
245
743
244
687
243
50E
242
21D
241
43B
240
76
239
ED
238
1DB
237
3B6
236
76C
235
6D9
234
5B2
233
365
232
6CA
231
594
230
329
229
652
228
4A4
227
148
226
290
225
521
224
243
223
487
222
10E
221
21C
220
439
219
72
218
E5
217
1CB
216
396
215
72C
214
659
213
4B2
212
164
211
2C8
210
591
209
323
208
646
207
48C
206
118
205
230
204
461
203
C2
202
185
201
30A
200
614
199
428
198
50
197
A1
N
Reg.
Value
196
143
195
286
194
50D
193
21B
192
437
191
6E
190
DD
189
1BB
188
376
187
6EC
186
5D8
185
3B1
184
762
183
6C5
182
58A
181
315
180
62A
179
454
178
A8
177
151
176
2A2
175
545
174
28B
173
517
172
22F
171
45F
170
BE
169
17D
168
2FA
167
5F5
166
3EB
165
7D6
164
7AD
163
75B
162
6B7
161
56E
160
2DD
159
5BB
158
377
157
6EE
156
5DC
155
3B9
154
772
153
6E5
152
5CA
151
395
150
72A
149
655
148
4AA
147
154
146
2A8
N
Reg.
Value
145
551
144
2A3
143
547
142
28F
141
51F
140
23F
139
47F
138
FE
137
1FD
136
3FA
135
7F4
134
7E9
133
7D3
132
7A7
131
74F
130
69F
129
53E
128
27D
127
4FB
126
1F6
125
3EC
124
7D8
123
7B1
122
763
121
6C7
120
58E
119
31D
118
63A
117
474
116
E8
115
1D1
114
3A2
113
744
112
689
111
512
110
225
109
44B
108
96
107
12D
106
25A
105
4B5
104
16A
103
2D4
102
5A9
101
353
100
6A6
99
54C
98
299
97
533
96
267
95
4CF
N
Reg.
Value
94
19E
93
33C
92
678
91
4F0
90
1E0
89
3C0
88
780
87
701
86
603
85
406
84
C
83
19
82
33
81
67
80
CF
79
19F
78
33E
77
67C
76
4F8
75
1F0
74
3E0
73
7C0
72
781
71
703
70
607
69
40E
68
1C
67
39
66
73
65
E7
64
1CF
63
39E
62
73C
61
679
60
4F2
59
1E4
58
3C8
57
790
56
721
55
643
54
486
53
10C
52
218
51
431
50
62
49
C5
48
18B
47
316
46
62C
45
458
44
B0
N
Reg.
Value
43
161
42
2C2
41
585
40
30B
39
616
38
42C
37
58
36
B1
35
163
34
2C6
33
58D
32
31B
31
636
30
46C
29
D8
28
1B1
27
362
26
6C4
25
588
24
311
23
622
22
444
21
88
20
111
19
222
18
445
17
8A
16
115
15
22A
14
455
13
AA
12
155
11
2AA
10
555
92AB
8557
72AF
6
55F
52BF
4
57F
32FF
25FF
13FF
N
Reg.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com