Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) CS5530A Datasheet HTML 50Page - National Semiconductor (TI) CS5530A Datasheet HTML 51Page - National Semiconductor (TI) CS5530A Datasheet HTML 52Page - National Semiconductor (TI) CS5530A Datasheet HTML 53Page - National Semiconductor (TI) CS5530A Datasheet HTML 54Page - National Semiconductor (TI) CS5530A Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 259 page
background image
Revision 1.1
51
www.national.com
Functional Description (Continued)
3.3.3
DOT Clock
The DOT clock (DCLK) is generated from the 14.31818
MHz input (CLK_14MHZ). A combination of a phase locked
loop (PLL), linear feedback shift register (LFSR) and divi-
sors are used to generate the desired frequencies for the
DOT clock. The divisors and LFSR are configurable
through the F4BAR+Memory Offset 24h. The minimum fre-
quency of DCLK is 10 MHz and the maximum is 200 MHz.
However, system constraints limit DCLK to 150 MHz when
DCLK is used as the graphics subsystem clock.
For applications that do not use the GX-series processor’s
graphics subsystem, this is an available clock for general
purpose use.
The system clock distribution for a CS5530A/GX-series
processor based system is shown in Figure 3-6.
Figure 3-6. System Clock Distribution
DCLK to GX-Series Processor
M
U
X
DCLK
PLL
÷N
TVCLK from TV Controller
Clock
Geode™ CS5530A
48 MHz Clock to USB of CS5530A
PCICLK to GX-Series Processor
PCICLK
PCICLK to PCI Related Device
PCICLK to PCI Bus
Geode™
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
SDRAMCLK to SDRAM
14 MHz Clock to Super I/O
14.318 MHz
Crystal
32 KHz for Reset and
Power Management
14 MHz Clock to TV Controller
ISACLK to ISA Bus
SUSP_3V
OE#
from CS5530A
24.576 MHz Clock to AC97 Codec
GX-Series
Generator
14 MHz Clock
I/O Companion
Processor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com