Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 29Page - National Semiconductor (TI) CS5530A Datasheet HTML 30Page - National Semiconductor (TI) CS5530A Datasheet HTML 31Page - National Semiconductor (TI) CS5530A Datasheet HTML 32Page - National Semiconductor (TI) CS5530A Datasheet HTML 33Page - National Semiconductor (TI) CS5530A Datasheet HTML 34Page - National Semiconductor (TI) CS5530A Datasheet HTML 35Page - National Semiconductor (TI) CS5530A Datasheet HTML 36Page - National Semiconductor (TI) CS5530A Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 259 page
background image
Revision 1.1
33
www.national.com
Signal Definitions (Continued)
2.2.8
USB Interface
Signal Name
Pin
No.
Pin
Type
Description
POWER_EN
V4
O
Power Enable
This pin enables the power to a self-powered USB hub.
OVER_CUR#
W3
I
Over Current
This pin indicates the USB hub has detected an overcurrent on the USB.
D+_PORT1
Y2
I/O
USB Port 1 Data Positive
This pin is the Universal Serial Bus Data Positive for port 1.
D–_PORT1
Y1
I/O
USB Port 1 Data Minus
This pin is the Universal Serial Bus Data Minus for port 1.
D+_PORT2
AA2
I/O
USB Port 2 Data Positive
This pin is the Universal Serial Bus Data Positive for port 2.
D–_PORT2
AA1
I/O
USB Port 2 Data Minus
This pin is the Universal Serial Bus Data Minus for port 2.
VDD_USB
U2
PWR
Power for USB
AVDD_USB
AB4
I
Analog
Analog Power for USB
AVSS_USB
AA4
I
Analog
Analog Ground for USB
2.2.9
Game Port and General Purpose I/O Interface
Signal Name
Pin
No.
Pin
Type
Description
GPORT_CS#
AD21
O
Game Port Chip Select
GPORT_CS# is asserted upon any I/O reads or I/O writes to I/O Port 200h
and 201h.
GPCS#
AF26
O
General Purpose Chip Select
GPCS# is asserted upon any I/O access that matches the I/O address in the
General Purpose Chip Select Base Address Register (F0 Index 70h) and
the conditions set in the General Purpose Chip Select Control Register (F0
Index 72h).
GPIO7/SA23
AF23
I/O
Limited ISA Mode: General Purpose I/Os 7 through 4 or
System Address Bus Lines 23 through 20
These pins can function either as general purpose I/Os or as the upper four
bits of the SA bus. Selection is done through F0 Index 43h[6,2].
Refer to GPIO[3:2] signal description for GPIO function description.
GPIO6/SA22
AE23
GPIO5/SA21
AC21
GPIO4/SA20
AD22
ISA Master Mode: System Address Bus Lines 23 through 20
These pins function as the four MSB (most significant bits) of the SA bus.
GPIO3
AF24
I/O
General Purpose I/Os 3 and 2
GPIOs can be programmed to operate as inputs or outputs via F0 Index
90h. As an input, the GPIO can be configured to generate an external SMI.
Additional configuration can select if the SMI# is generated on the rising or
falling edge. GPIO external SMI generation/edge selection is done in F0
Index 92h and 97h.
GPIO2
AF25
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com