Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 61 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 61 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 57Page - National Semiconductor (TI) CS5530A Datasheet HTML 58Page - National Semiconductor (TI) CS5530A Datasheet HTML 59Page - National Semiconductor (TI) CS5530A Datasheet HTML 60Page - National Semiconductor (TI) CS5530A Datasheet HTML 61Page - National Semiconductor (TI) CS5530A Datasheet HTML 62Page - National Semiconductor (TI) CS5530A Datasheet HTML 63Page - National Semiconductor (TI) CS5530A Datasheet HTML 64Page - National Semiconductor (TI) CS5530A Datasheet HTML 65Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 259 page
background image
Revision 1.1
61
www.national.com
Functional Description (Continued)
3.4.1.7
Save-to-Disk/Save-to-RAM
This is a derivative of the Off state. The processor and the
CS5530A have the capability to save their complete state.
This stateinformation canbesaved to a harddiskorto
RAM and the system can be turned off. When powered
back on, the system can be returned exactly back to the
state it was in when the save process began. This means
that the system does not have to be rebooted in the tradi-
tional sense. In both cases, precautions must be taken in
the system design to make sure that there is sufficient
space on the hard drive or RAM to store the information. In
the case of the RAM, it must also be powered at all times
and can not be corrupted when the system is powered off
and back on.
The PC/AT compatible floppy port is not part of the
CS5530A. If a floppy is attached on the ISA bus in a
SuperI/O or by some other means, some of the FDC regis-
ters are shadowed in the CS5530A because they cannot
be safely read. The FDC registers are shown in Table 3-15.
Additional shadow registers for other functions
are
described in:
• Table 3-40 "DMA Shadow Register" on page 96
• Table 3-42 "PIT Shadow Register" on page 98
• Table 3-45 "PIC Shadow Register" on page 100
• Table 3-53 "Real-Time Clock Registers" on page 107
Table 3-15. Power Management Shadow Registers
Bit
Description
F0 Index B4h
Floppy Port 3F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F2h Shadow (Read Only): Last written value of I/O Port 3F2h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B5h
Floppy Port 3F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 3F7h Shadow (Read Only): Last written value of I/O Port 3F7h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B6h
Floppy Port 1F2h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F2h Shadow (Read Only): Last written value of I/O Port 1F2h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.
F0 Index B7h
Floppy Port 1F7h Shadow Register (RO)
Reset Value = xxh
7:0
Floppy Port 1F7h Shadow (Read Only): Last written value of I/O Port 1F7h. Required for support of FDC power ON/OFF
and Save-to-Disk/RAM coherency.
This register is a copy of an I/O register which cannot safely be directly read. Value in register is not deterministic of when
the register is being read. It is provided here to assist in a Save-to-Disk operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com