Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 46Page - National Semiconductor (TI) CS5530A Datasheet HTML 47Page - National Semiconductor (TI) CS5530A Datasheet HTML 48Page - National Semiconductor (TI) CS5530A Datasheet HTML 49Page - National Semiconductor (TI) CS5530A Datasheet HTML 50Page - National Semiconductor (TI) CS5530A Datasheet HTML 51Page - National Semiconductor (TI) CS5530A Datasheet HTML 52Page - National Semiconductor (TI) CS5530A Datasheet HTML 53Page - National Semiconductor (TI) CS5530A Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 259 page
background image
www.national.com
50
Revision 1.1
Functional Description (Continued)
3.3
RESETS AND CLOCKS
The operations of resets and clocks in the CS5530A are
described in this section of the Functional Description.
3.3.1
Resets
The CS5530A generates two reset signals, PCI_RST# to
the PCI bus and CPU_RST to the GX-series processor.
These resets are generated after approximately 100 µs
delayfromPOR# activeasdepictedinFigure3-5.
At any state, Power-on/Resume/Reset, the 14.31818 MHz
oscillator must be active for the resets to function.
3.3.2
ISA Clock
The CS5530A creates the ISACLK from dividing the PCI-
CLK. For ISA compatibility, the ISACLK nominally runs at
8.33 MHz or less. The ISACLK dividers are programmed
via F0 Index 50h[2:0] as shown in Table 3-8.
Figure 3-5. CS5530A Reset
Table 3-8. ISACLK Divider Bits
Bit
Description
F0 Index 50h
PIT Control/ISA CLK Divider (R/W)
Reset Value = 7Bh
2:0
ISA Clock Divisor: Determines the divisor of the PCI clock used to make the ISA clock, which is typically programmed for
approximately 8 MHz.
000 = Reserved
100 = Divide by five
001 = Divide by two
101 = Divide by six
010 = Divide by three
110 = Divide by seven
011 = Divide by four
111 = Divide by eight
If 25 MHz PCI clock, use setting of 010 (divide by 3). If 30 or 33 MHz PCI clock, use a setting of 011 (divide by 4).
POR#
CPU_RST
PCI_RST#
100 µs
POR# minimum pulse width for CS5530A only (i.e., not a system specification) = 100 µs and 14 MHz must be running.
9ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com