Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CS5530A Datasheet HTML 1Page - National Semiconductor (TI) CS5530A Datasheet HTML 2Page - National Semiconductor (TI) CS5530A Datasheet HTML 3Page - National Semiconductor (TI) CS5530A Datasheet HTML 4Page - National Semiconductor (TI) CS5530A Datasheet HTML 5Page - National Semiconductor (TI) CS5530A Datasheet HTML 6Page - National Semiconductor (TI) CS5530A Datasheet HTML 7Page - National Semiconductor (TI) CS5530A Datasheet HTML 8Page - National Semiconductor (TI) CS5530A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 259 page
background image
www.national.com
2
Revision 1.1
Two bus mastering IDE controllers are included for support
of up to four ATA-compliant devices. A two-port Universal
Serial Bus (USB) provides high speed, Plug & Play expan-
sion for a variety of consumer peripheral devices such as a
keyboard, mouse, printer, and digital camera. If additional
functions are required like real-time clock, floppy disk, PS2
keyboard, and PS2 mouse, a SuperI/O such as the
National PC97317 can be easily connected to the
CS5530A.
Features
General Features
 Designed for use with National’s Geode GX-series
processors
 352 PBGA (Plastic Ball Grid Array) package
 3.3V or 5.0V PCI bus compatible
 5.0V tolerant on all inputs
 3.3V core
PCI-to-ISA Bridge
 PCI 2.1 compliant
 Supports PCI initiator-to-ISA and ISA master-to-PCI
cycle translations
 PCI master for audio I/O and IDE controllers
 Subtractive agent for unclaimed transactions
 PCI-to-ISA interrupt mapper/translator
AT Compatibility
 Two 8259A-equivalent interrupt controllers
 8254-equivalent timer
 Two 8237-equivalent DMA controllers
 Boot ROM and keyboard chip select
 Extended ROMto16MB
Bus Mastering IDE Controllers
 Two controllers with support for up to four IDE devices
 Independent timing for master and slave devices for
both channels
 PCI bus master burst reads and writes
 Ultra DMA/33 (ATA-4) support
 Multiword DMA support
 Programmed I/O (PIO) Modes 0-4 support
Power Management
 Intelligent system controller supports multiple power
management standards:
— Full ACPI and Legacy (APM) support
— Directly manages all GX-series processors’ power
states (including automatic Suspend modulation for
optimal performance/thermal balancing)
 I/O traps and idle timers for peripheral power
management
 Up to eight GPIOs for system control:
— All eight are configurable as external wakeup events
 Dedicated inputs for keyboard and mouse wakeup
events
XpressAUDIO
 Provides "back-end" hardware support via six buffered
PCI bus masters
 AC97 codec interface:
— Specification Revision 1.3, 2.0, and 2.1 compliant
interface. Note that the codec (e.g., LM4548) must
have SRC (sample rate conversion) support
Display Subsystem Extensions
 Complements the GX-series processors’ graphics and
video capabilities:
— Three independent line buffers for accelerating video
data streams
— Handles asynchronous video and graphics data
streams concurrently from the processor
— YUV to RGB conversion hardware
— Arbitrary X & Y interpolative scaling
— Color keying for graphics/video overlay
 VDACs / Display interface:
— Three integrated DACs
—Gamma RAM:
– Provides gamma correction for graphics data
streams
– Provides brightness/contrast correction for video
data streams
— Integrated DOT clock generator
— Digital RGB interface drives TFT panels or standard
NTSC/PAL encoders
— Up to 1280x1024 @ 85 Hz
Universal Serial Bus
 Two independent USB interfaces:
— Open Host Controller Interface (OpenHCI)
specification compliant
— Second generation proven core design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com