Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 6Page - National Semiconductor (TI) CS5530A Datasheet HTML 7Page - National Semiconductor (TI) CS5530A Datasheet HTML 8Page - National Semiconductor (TI) CS5530A Datasheet HTML 9Page - National Semiconductor (TI) CS5530A Datasheet HTML 10Page - National Semiconductor (TI) CS5530A Datasheet HTML 11Page - National Semiconductor (TI) CS5530A Datasheet HTML 12Page - National Semiconductor (TI) CS5530A Datasheet HTML 13Page - National Semiconductor (TI) CS5530A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 259 page
background image
www.national.com
10
Revision 1.1
Architecture Overview (Continued)
1.7
DISPLAY SUBSYSTEM EXTENSIONS
The CS5530A incorporates extensions to the GX-series
processor’s display subsystem. These include:
• Video Accelerator
— Buffers and formats input YUV video data from the
processor
— 8-bit interface to the processor
— X & Y scaler with bilinear filter
— Color space converter (YUV to RGB)
• Video Overlay Logic
—Color key
— Data switch for graphics and video data
• Gamma RAM
— Brightness and contrast control
• Display Interface
— Integrated RGB Video DACs
— VESA DDC2B/DPMS support
— Flat panel interface
Figure 1-3 shows the data path of the display subsystem
extensions.
Figure 1-3. 8-Bit Display Subsystem Extensions
VID_DATA[7:0]
8
Input
Buffer 0
(3x360x32 bit)
Buffer 1
Buffer 2
Formatter
/
Scaler
Vertical
Filter
Horizontal
Filter
Color
Space
Converter
Formatter
24
Color Key
Color
Compare
24
PIXEL[23:0]
Bypass
Gamma
RAM
24
Video
Dither
24
8each
DAC
RGB to CRT
FP_DATA
18
24
24
Enable Gamma
Correction Register
24
24
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com