| Electronic Components Datasheet Search |
|
CS5530A Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530A Datasheet(HTML) 7 Page - National Semiconductor (TI) |
|
7 / 259 page ![]() Revision 1.1 7 www.national.com 1.0 Architecture Overview The Geode CS5530A can be described as providing the functional blocks shown in Figure 1-1. • PCI bus master/slave interface • ISA bus interface • AT compatibility logic • IDE controllers • Power management —GPIO interfaces — Traps, Events, Timers • Joystick/Game Port interface • Virtual audio support hardware • Video display, which includes MPEG accelerator, RAMDAC, and video ports • USB controller For CPU interface connection refer to Figure 1-5 "Example System Block Diagram" on page 12. 1.1 PCI BUS INTERFACE The CS5530A provides a PCI bus interface that is both a slave for PCI cycles initiated by the CPU or other PCI mas- ter devices, and a non-preemptable master for DMA trans- fer cycles. The chip also is a standard PCI master for the IDE controllers and audio I/O logic. The CS5530A supports positive decode for configurable memory and I/O regions and implements a subtractive decode option for unclaimed PCI accesses. The CS5530A also generates address and data parity and performs parity checking. The CS5530A does not include the PCI bus arbiter, which is located in the processor. Configuration registers are accessed through the PCI inter- face using the PCI Bus Type 1 configuration mechanism as described in the PCI 2.1 Specification. Figure 1-1. Internal Block Diagram X-Bus ISA Bus PCI Bus USB PCI to X-Bus / X-Bus to PCI Bridge PCI to USB Macro Active Decode Address Mapper Audio/Codec/MPU Interface Pwr Mgmt, Traps, Events, and Timers IDE Interface Display Interface MPEG, DOT Clock CSC and SCL RGB/FP Interface AT Compatibility Logic ISA Bus Interface AT Ports, ISA Megacells Display PCI Configuration Registers Graphics and Video from CPU X-Bus Arbiter CS5530A Support GPIOs IDE AC97 Codec Ultra DMA/33 (e.g., LM4548) Joystick / Game Port Joystick PC97317 SIO GPCS Geode™ CS9211 Graphics Companion |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |