Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 222 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 222 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 218Page - National Semiconductor (TI) CS5530A Datasheet HTML 219Page - National Semiconductor (TI) CS5530A Datasheet HTML 220Page - National Semiconductor (TI) CS5530A Datasheet HTML 221Page - National Semiconductor (TI) CS5530A Datasheet HTML 222Page - National Semiconductor (TI) CS5530A Datasheet HTML 223Page - National Semiconductor (TI) CS5530A Datasheet HTML 224Page - National Semiconductor (TI) CS5530A Datasheet HTML 225Page - National Semiconductor (TI) CS5530A Datasheet HTML 226Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 259 page
background image
www.national.com
222
Revision 1.1
Register Descriptions (Continued)
I/O Port 0CEh (R/W)
DMA Channel 7 Transfer Count Register
Transfer count bytes 1 and 0.
I/O Port 0D0h (R/W)
Read
DMA Status Register, Channels 7:4
7
Channel 7 Request: Request pending? 0 = No; 1 = Yes.
6
Channel 6 Request: Request pending? 0 = No; 1 = Yes.
5
Channel 5 Request: Request pending? 0 = No; 1 = Yes.
4
Undefined
3
Channel 7 Terminal Count: TC reached? 0 = No; 1 = Yes.
2
Channel 6 Terminal Count: TC reached? 0 = No; 1 = Yes.
1
Channel 5 Terminal Count: TC reached? 0 = No; 1 = Yes.
0
Undefined
Write
DMA Command Register, Channels 7:4
7
DACK Sense: 0= Active high; 1= Active low.
6
DREQ Sense: 0 = Active high; 1 = Active low.
5
Write Selection: 0 = Late write; 1 = Extended write.
4
Priority Mode: 0 = Fixed; 1 = Rotating.
3
Timing Mode: 0 = Normal; 1 = Compressed.
2
Channels 7 through 4: 0 = Disable; 1 = Enable.
1:0
Reserved: Set to 0.
I/O Port 0D2h (WO)
Software DMA Request Register, Channels 7:4
7:3
Reserved: Set to 0.
2
Request Type: 0= Reset; 1= Set.
1:0
Channel Number Request Select: 00 = Illegal; 01 = Channel 5; 10 = Channel 6; 11 = Channel 7.
Note: Software DMA is not supported
I/O Port 0D4h (R/W)
DMA Channel Mask Register, Channels 7:0
7:3
Reserved: Set to 0.
2
Channel Mask: 0 = Not masked; 1 = Masked.
1:0
Channel Number Mask Select: 00 = Channel 4; 01 = Channel 5; 10 = Channel 6; 11 = Channel 7.
I/O Port 0D6h (WO)
DMA Channel Mode Register, Channels 7:4
7:6
Transfer Mode: 00 = Demand; 01 = Single; 10 = Block; 11 = Cascade.
5
Address Direction: 0 = Increment; 1 = Decrement.
4
Auto-initialize: 0 = Disabled; 1 = Enable.
3:2
Transfer Type: 00 = Verify; 01 = Memory read; 10 = Memory write; 11 = Reserved.
1:0
Channel Number Mode Select: 00 = Channel 4; 01 = Channel 5; 10 = Channel 6; 11 = Channel 7.
Channel 4 must be programmed in cascade mode. This mode is not the default.
I/O Port 0D8h (WO)
DMA Clear Byte Pointer Command, Channels 7:4
I/O Port 0DAh (WO)
DMA Master Clear Command, Channels 7:4
I/O Port 0DCh (WO)
DMA Clear Mask Register Command, Channels 7:4
I/O Port 0DEh (WO)
DMA Write Mask Register Command, Channels 7:4
Table 4-27. DMA Channel Control Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com