Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 223Page - National Semiconductor (TI) CS5530A Datasheet HTML 224Page - National Semiconductor (TI) CS5530A Datasheet HTML 225Page - National Semiconductor (TI) CS5530A Datasheet HTML 226Page - National Semiconductor (TI) CS5530A Datasheet HTML 227Page - National Semiconductor (TI) CS5530A Datasheet HTML 228Page - National Semiconductor (TI) CS5530A Datasheet HTML 229Page - National Semiconductor (TI) CS5530A Datasheet HTML 230Page - National Semiconductor (TI) CS5530A Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 259 page
background image
Revision 1.1
227
www.national.com
Register Descriptions (Continued)
Table 4-31. Keyboard Controller Registers
Bit
Description
I/O Port 060h (R/W)
External Keyboard Controller Data Register
Keyboard Controller Data Register: All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset fea-
tures are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this port
assert the A20M# pin or cause a warm CPU reset.
I/O Port 061h (R/W)
Port B Control Register
Reset Value = 00x01100b
7
PERR#/SERR# Status (Read Only): Was a PCI bus error (PERR#/SERR#) asserted by a PCI device or by the CS5530A?
0= No; 1 = Yes.
This bit can only be set if ERR_EN (bit 2) is set 0. This bit is set 0 after a write to ERR_EN with a 1 or after reset.
6
IOCHK# Status (Read Only): Is an I/O device reporting an error to the CS5530A? 0 = No; 1 = Yes.
This bit can only be set if IOCHK_EN (bit 3) is set 0. This bit is set 0 after a write to IOCHK_EN with a 1 or after reset.
5
PIT OUT2 State (Read Only): This bit reflects the current status of the PIT Counter 2 (OUT2).
4
Toggle (Read Only): This bit toggles on every falling edge of Counter 1 (OUT1).
3
IOCHK Enable:
0 = Generates an NMI if IOCHK# is driven low by an I/O device to report an error. Note that NMI is under SMI control.
1 = Ignores the IOCHK# input signal and does not generate NMI.
2
PERR#/SERR# Enable: Generates an NMI if PERR#/SERR# is driven active to report an error.
0 = Enable; 1 = Disable
1
PIT Counter2 (SPKR): 0 = Forces Counter 2 output (OUT2) to zero; 1 = Allows Counter 2 output (OUT2) to pass to the
speaker.
0
PIT Counter2 Enable: 0 = Sets GATE2 input low; 1 = Sets GATE2 input high.
I/O Port 062h (R/W)
External Keyboard Controller Mailbox Register
Keyboard Controller Mailbox Register: Accesses to this port will assert KBROMCS# if the Port 062h/066h decode is enabled through
bit 7 of the Decode Control Register 2 (F0 Index 5Bh[7]).
I/O Port 064h (R/W)
External Keyboard Controller Command Register
Keyboard Controller Command Register: All accesses to this port are passed to the ISA bus. If the fast keyboard gate A20 and reset
features are enabled through bit 7 of the ROM/AT Logic Control Register (F0 Index 52h[7]), the respective sequences of writes to this
port assert the A20M# pin or cause a warm CPU reset.
I/O Port 066h (R/W)
External Keyboard Controller Mailbox Register
Keyboard Controller Mailbox Register: Accesses to this port will assert KBROMCS# if the Port 062h/066h decode is enabled through
bit 7 of the Decode Control Register 2 (F0 Index 5Bh[7]).
I/O Port 092h
Port A Control Register (R/W)
Reset Value = 02h
7:2
Reserved: Set to 0.
1
A20M# SMI Assertion: Assert A20M#. 0 = Enable mask; 1 = Disable mask.
0
Fast CPU Reset: WM_RST SMI is asserted to the BIOS. 0 = Disable; 1 = Enable.
This bit must be cleared before the generation of another reset.
Table 4-32. Real-Time Clock Registers
Bit
Description
I/O Port 070h (WO)
RTC Address Register
7
NMI Mask: 0 = Enable; 1 = Mask.
6:0
RTC Register Index: A write of this register sends the data out on the ISA bus and also causes RTCALE to be triggered.
Note: This register is shadowed within the CS5530A and is read through the RTC Shadow Register (F0 Index BBh).
I/O Port 071h (R/W)
RTC Data Register
A read of this register returns the value of the register indexed by the RTC Address Register plus initiates a RTCCS#.
A write of this register sets the value into the register indexed by the RTC Address Register plus initiates a RTCCS#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com