Electronic Components Datasheet Search
  English  ▼

X  

CS5530A Datasheet(PDF) 111 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5530A
Description  Geode CS5530A I/O Companion Multi-Function South Bridge
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530A Datasheet(HTML) 111 Page - National Semiconductor (TI)

Back Button CS5530A Datasheet HTML 107Page - National Semiconductor (TI) CS5530A Datasheet HTML 108Page - National Semiconductor (TI) CS5530A Datasheet HTML 109Page - National Semiconductor (TI) CS5530A Datasheet HTML 110Page - National Semiconductor (TI) CS5530A Datasheet HTML 111Page - National Semiconductor (TI) CS5530A Datasheet HTML 112Page - National Semiconductor (TI) CS5530A Datasheet HTML 113Page - National Semiconductor (TI) CS5530A Datasheet HTML 114Page - National Semiconductor (TI) CS5530A Datasheet HTML 115Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 259 page
background image
Revision 1.1
111
www.national.com
Functional Description (Continued)
3.6.2.2
Bus Master Mode
Two IDE bus masters are provided to perform the data
transfers for the primary and secondary channels. The
CS5530A off-loads the CPU and improves system perfor-
mance in multitasking environments.
The bus master mode programming interface is an exten-
sion of the standard IDE programming model. This means
that devices can always be dealt with using the standard
IDE programming model, with the master mode functional-
ity used when the appropriate driver and devices are
present. Master operation is designed to work with any IDE
device that supports DMA transfers on the IDE bus.
Devices that work in PIO mode can only use the standard
IDE programming model.
The IDE bus masters use a simple scatter/gather mecha-
nism allowing large transfer blocks to be scattered to or
gathered from memory. This cuts down on the number of
interrupts to and interactions with the CPU.
Physical Region Descriptor Table Address
Before the controller starts a master transfer it is given a
pointer (shown in Table 3-57) to a Physical Region
Descriptor Table. This pointer sets the starting memory
location of the Physical Region Descriptors (PRDs). The
PRDs describe the areas of memory that are used in the
data transfer. The PRDs must be aligned on a 4-byte
boundary and the table cannot cross a 64 KB boundary in
memory.
Primary and Secondary IDE Bus Master Registers
The IDE Bus Master Registers for each channel (primary
and secondary) have an IDE Bus Master Command Regis-
ter and Bus Master Status Register. These registers must
be accessed individually; a 32-bit DWORD access attempt-
ing to include both the Command and Status registers may
not operate correctly. Bit formats of these registers are
giveninTable 3-58.
Table 3-57. IDE Bus Master PRD Table Address Registers
Bit
Description
F2BAR+I/O Offset 04h-07h
IDE Bus Master 0 PRD Table Address — Primary (R/W)
Reset Value = 00000000h
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for IDE Bus Master 0.
When written, this register points to the first entry in a PRD table. Once IDE Bus Master 0 is enabled (Command Register bit
0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.
F2BAR+I/O Offset 0Ch-0Fh
IDE Bus Master 1 PRD Table Address — Secondary (R/W)
Reset Value = 00000000h
31:2
Pointer to the Physical Region Descriptor Table: This register is a PRD table pointer for IDE Bus Master 1.
When written, this register points to the first entry in a PRD table. Once IDE Bus Master 1 is enabled (Command Register bit
0 = 1], it loads the pointer and updates this register to the next PRD by adding 08h.
When read, this register points to the next PRD.
1:0
Reserved: Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com