Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 6 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 2Page - Linear Technology LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology LTM4675 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 128 page
background image
LTC3884/LTC3884-1
6
3884fe
For more information www.linear.com/LTC3884
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C (Notes 2, 3). VIN = 12V, EXTVCC = 0V, VRUN0,1 = 3.3V,
fSYNC = 500kHz (externally driven) and all programmable parameters at factory default, unless otherwise specified.
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Input Voltage
VIN
Input Voltage Range
(Note 11)
l
4.5
38
V
IQ
Input Voltage Supply Current
VRUN0,1 = 3.3V (Note 16)
VRUN0,1 = 0V (Note 16)
25
23
mA
mA
VUVLO
Undervoltage Lockout Threshold
When VIN > 4.3V
VINTVCC Falling
VINTVCC Rising
3.55
3.90
V
V
tINIT
Initialization Time
Time from VIN Applied Until the TON_DELAY
Timer Starts
35
ms
tOFF(MIN)
Short Cycle Retry Time
120
ms
Control Loop
VOUTRL
Full-Scale Voltage Range
Set Point Accuracy (0.6V ~ 2.5V)
Resolution
LSB Step Size
VOUT_COMMAND = 2.75V,
MFR_PWM_MODE[1] = 1
(Notes 9, 10, 13)
l
l
2.7
–0.5
12
0.688
2.8
0.5
V
%
Bits
mV
VOUTRH
Full-Scale Voltage Range
Set Point Accuracy (0.6V ~ 5.0V)
Resolution
LSB Step Size
VOUT_COMMAND = 5.5V,
MFR_PWM_MODE[1] = 0
(Notes 9, 10, 13)
l
l
5.40
–0.5
12
1.375
5.60
0.5
V
%
Bits
mV
VLINEREG
Line Regulation
6V < VIN < 38V
l
±0.02
%/V
VLOADREG
Load Regulation
∆VITH = 1.35V ~ 0.7V
∆VITH = 1.35V ~ 2V
l
l
0.01
–0.01
0.1
–0.1
%
%
IISENSE0,1
Input Pin Bias Current
0V ≤ VPIN ≤ 5.5V
l
±1
±3
µA
VSENSERIN0,1 VSENSE Input Resistance to GND
0V ≤ VPIN ≤ 5.5V
50
kΩ
VILIMIT
(Note 15)
12
Steps
VILIM_HIGH
VILIM_LOW
VREV
MFR_PWM_MODE[7],[2]=0, 1, ILIM[3:0]=1100, VOUT ≤ 3.5V
MFR_PWM_MODE[7],[2]=0, 1, ILIM[3:0]=0001, VOUT ≤ 3.5V
MFR_PWM_MODE[7],[2]=0, 1, VOUT ≥ VOV
l
14.5
16.5
9.5
–7.5
18.5
mV
mV
mV
VILIM_HIGH
VILIM_LOW
VREV
MFR_PWM_MODE[7],[2]=1, 1, ILIM[3:0]=1100,VOUT ≤ 3.5V
MFR_PWM_MODE[7],[2]=1, 1, ILIM[3:0]=0001,VOUT ≤ 3.5V
MFR_PWM_MODE[7],[2]=1, 1, VOUT ≥ VOV
l
27.0
29.5
17.0
–15
31.0
mV
mV
mV
VILIM_HIGH
VILIM_LOW
VREV
MFR_PWM_MODE[7],[2]=0, 0, ILIM[3:0]=1100
MFR_PWM_MODE[7],[2]=0, 0, ILIM[3:0]=0001
MFR_PWM_MODE[7],[2]=0, 0, VOUT ≥ VOV
l
35
41.38
25
–18.8
49
mV
mV
mV
VILIM_HIGH
VILIM_LOW
VREV
MFR_PWM_MODE[7],[2]=1, 0, ILIM[3:0]=1100
MFR_PWM_MODE[7],[2]=1, 0, ILIM[3:0]=0001
MFR_PWM_MODE[7],[2]=1, 0, VOUT ≥ VOV
l
67.5
74.5
43.5
–37.5
81.5
mV
mV
mV
gm0,1
Resolution
Error Amplifier gm(MAX)
Error Amplifier gm(MIN)
LSB Step Size
ITH0,1 = 1.35V, MFR_PWM_COMP[7:5] = 0 to 7
3
5.76
1
0.68
Bits
mmho
mmho
mmho
RTH0, 1
Resolution
Compensation Resistor RTH(MAX)
Compensation Resistor RTH(MIN)
MFR_PWM_COMP[4:0] = 0 to 31 (See Figure 37)
5
62
0
Bits
kΩ
kΩ
Gate Drivers (LTC3884)
TG RUP
TG Pull-Up RDS(ON)
TG High
2.6
Ω
TG RDOWN
TG Pull-Down RDS(ON)
TG Low
1.5
Ω
BG RUP
BG Pull-Up RDS(ON)
BG High
2.4
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com