Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 5 Page - Linear Technology

  LTM4675 Datasheet HTML 1Page - Linear Technology LTM4675 Datasheet HTML 2Page - Linear Technology LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
LTC3884/LTC3884-1
5
3884fe
For more information www.linear.com/LTC3884
PIN CONFIGURATION
LTC3884-1
TOP VIEW
49
SGND
RHE PACKAGE
48-LEAD (5mm × 6mm) PLASTIC GQFN
PGOOD0 1
VSENSE0+ 2
VSENSE0– 3
ISENSE1+ 4
ISENSE1– 5
ITHR0 6
ITH0 7
ISENSE0+ 8
ISENSE0– 9
TSNS1 10
TSNS0 11
SYNC 12
SCL 13
SDA 14
38 NC
37 VCC1
36 PWM1
35 NC
34 PGOOD1
33 VSENSE1+
32 VSENSE1–
31 ITHR1
30 ITH1
29 VDD33
28 SHARE_CLK
27 WP
26 VDD25
25 PHASE_CFG
49
49
49
49
TJMAX = 125°C, θJA = 31°C/W, θJC = 3.7°C/W
EXPOSED PADS (PIN 49) ARE SGND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3884EUK#PBF
LTC3884EUK#TRPBF
LTC3884 UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3884IUK#PBF
LTC3884IUK#TRPBF
LTC3884 UK
48-Lead (7mm × 7mm) Plastic QFN
–40°C to 125°C
LTC3884ERHE#PBF
LTC3884ERHE#TRPBF
LTC3884
48-Lead (5mm × 6mm) Plastic GQFN
–40°C to 125°C
LTC3884IRHE#PBF
LTC3884IRHE#TRPBF
LTC3884
48-Lead (5mm × 6mm) Plastic GQFN
–40°C to 125°C
LTC3884ERHE-1#PBF
LTC3884ERHE-1#TRPBF LTC3884-1
48-Lead (5mm × 6mm) Plastic GQFN
–40°C to 125°C
LTC3884IRHE-1#PBF
LTC3884IRHE-1#TRPBF
LTC3884-1
48-Lead (5mm × 6mm) Plastic GQFN
–40°C to 125°C
Consult ADI Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
(http://www.linear.com/product/LTC3884#orderinfo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com