Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 63 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 63 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 59Page - Linear Technology LTM4675 Datasheet HTML 60Page - Linear Technology LTM4675 Datasheet HTML 61Page - Linear Technology LTM4675 Datasheet HTML 62Page - Linear Technology LTM4675 Datasheet HTML 63Page - Linear Technology LTM4675 Datasheet HTML 64Page - Linear Technology LTM4675 Datasheet HTML 65Page - Linear Technology LTM4675 Datasheet HTML 66Page - Linear Technology LTM4675 Datasheet HTML 67Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
LTC3884/LTC3884-1
63
3884fe
For more information www.linear.com/LTC3884
APPLICATIONS INFORMATION
CHECKING TRANSIENT RESPONSE
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VOUT shifts by an
amount equal to ∆ILOAD (ESR), where ESR is the effective
series resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT generating the feedback error signal that
forces the regulator to adapt to the current change and
return VOUT to its steady-state value. During this recovery
time VOUT can be monitored for excessive overshoot or
ringing, which would indicate a stability problem. The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC-coupled and
AC-filtered closed-loop response test point. The DC step,
rise time and settling at this test point truly reflects the
closed-loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining
the rise time at the pin. The ITHR external capacitor shown
in the Typical Application circuit will provide an adequate
starting point for most applications. The programmable
parameters that affect loop gain are the voltage range,
bit[1] of the MFR_PWM_MODE command, the current
range, bit[2] and bit[7] of the MFR_PWM_MODE com-
mand, the gm of the PWM channel amplifier bits [7:5] of
MFR_PWM_COMP, and the internal RTH compensation
resistor, bits[4:0] of MFR_PWM_COMP. Be sure to es-
tablish these settings prior to compensation calculation.
The ITH series internal RTH external CTH filter sets the
dominant pole-zero loop compensation. The internal RTH
value can be modified (from 0Ω to 62kΩ) using bits[4:0]
of the MFR_PWM_ COMP command. Adjust the value
of RTH to optimize transient response once the final PCB
layout is done and the particular CTH filter capacitor and
outputcapacitortypeandvaluehavebeendetermined.The
output capacitors need to be selected because the various
types and values determine the loop gain and phase. An
output current pulse of 20% to 80% of full-load current
having a rise time of 1μs to 10μs will produce output volt-
age and ITH pin waveforms that will give a sense of the
overall loop stability without breaking the feedback loop.
Placing a power MOSFET with a resistor to ground directly
across the output capacitor and driving the gate with an
appropriate signal generator is a practical way to produce
to a load step. The MOSFET + RSERIES will produce output
currents approximately equal to VOUT/RSERIES. RSERIES
values from 0.1Ω to 2Ω are valid depending on the current
limit settings and the programmed output voltage. The
initial output voltage step resulting from the step change
in output current may not be within the bandwidth of the
feedback loop, so this signal cannot be used to determine
phase margin. This is why it is better to look at the ITH pin
signal which is in the feedback loop and is the filtered and
compensated control loop response. The gain of the loop
will be increased by increasing RTH and the bandwidth
of the loop will be increased by decreasing CTH. If RTH is
increased by the same factor that CTH is decreased, the
zero frequency will be kept the same, thereby keeping the
phaseshiftthesameinthemostcriticalfrequencyrangeof
the feedback loop. The gain of the loop will be proportional
to the transconductance of the error amplifier which is
set using bits[7:5] of the MFR_PWM_COMP command.
The output voltage settling behavior is related to the
stability of the closed-loop system and will demonstrate
the actual overall supply performance. A second, more
severe transient is caused by switching in loads with large
(>1μF) supply bypass capacitors. The discharged bypass
capacitors are effectively put in parallel with COUT,causing
a rapid drop in VOUT. No regulator can alter its delivery of
currentquicklyenoughtopreventthissuddenstepchange
in output voltage if the load switch resistance is low and
it is driven quickly. If the ratio of CLOAD to COUT is greater
than 1:50, the switch rise time should be controlled so that
the load rise time is limited to approximately 25 • CLOAD.
Thus a 10μF capacitor would require a 250μs rise time,
limiting the charging current to about 200mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com