Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 1 Page - Linear Technology

  LTM4675 Datasheet HTML 1Page - Linear Technology LTM4675 Datasheet HTML 2Page - Linear Technology LTM4675 Datasheet HTML 3Page - Linear Technology LTM4675 Datasheet HTML 4Page - Linear Technology LTM4675 Datasheet HTML 5Page - Linear Technology LTM4675 Datasheet HTML 6Page - Linear Technology LTM4675 Datasheet HTML 7Page - Linear Technology LTM4675 Datasheet HTML 8Page - Linear Technology LTM4675 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 128 page
background image
LTC3884/LTC3884-1
1
3884fe
For more information www.linear.com/LTC3884
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Output PolyPhase
Step-Down Controller with Sub-Milliohm DCR Sensing
and Digital Power System Management
The LTC®3884/LTC3884-1 are dual output PolyPhase DC/
DCsynchronousstep-downswitchingregulatorcontrollers
with an I2C-based PMBus compliant serial interface. The
controllers employ a constant-frequency current mode
architecture, together with a unique scheme to provide
excellent performance for sub-milliohm DCR applica-
tions. The LTC3884/LTC3884-1 are supported by the
LTpowerPlay® software development tool with graphical
user interface (GUI).
Programmable loop compensation allows the controller
to be compensated digitally. Switching frequency, channel
phasing, output voltage, and device address can be pro-
grammed both by the digital interface as well as external
configuration resistors. Additionally, parameters can be set
via the digital interface or stored in EEPROM. Both outputs
haveindependentpowergoodindicatorsandFAULTfunction.
The LTC3884 has integrated gate drivers. The LTC3884-1
has three-state PWM pins to drive power blocks or DrMOS
power stages.
APPLICATIONS
n
PMBus/I2CCompliantSerialInterface
–TelemetryRead-BackIncludesVIN,IIN,VOUT,IOUT,
TemperatureandFaults
–ProgrammableVoltage,CurrentLimit,DigitalSoft-
Start/Stop,Sequencing,Margining,OV/UV/OC
n
Sub-Milliohm DCR Current Sensing
n
Digitally Adjustable Loop Compensation Parameters
n
±0.5%OutputVoltageAccuracyOverTemperature
n
IntegratedInputCurrentSenseAmplifier
n
InternalEEPROMwithECCandFaultLogging
n
IntegratedN-ChannelMOSFETGateDrivers(LTC3884)
PowerConversion
n
WideVINRange:4.5Vto38V
n
VOUTRange:0.5Vto3.5V(withLowDCRSetting);
0.5Vto5.5V(withoutLowDCRSetting)
n
AccuratePolyPhase®CurrentSharingforUpto6Phases
n
Availablein48-Lead7mm×7mmQFNand
5mm×6mmGQFNPackages.
n
Telecom, Datacom, and Storage Systems
n
Industrial and Point-of-Load Applications
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787, 6580258, 5408150,
7420359, 8648623, 8786265, 8823352, 7000125. Licensed under U.S. Patent 7000125 and
other related patents worldwide.
Efficiency and Power Loss
vs Load Current
INTVCC
TG0
TG1
BOOST0
BOOST1
SW0
SW1
BG0
FAULT MANAGEMENT
TO/FROM
OTHER LTC DEVICES
SDA
SCL
ALERT
RUN0
RUN1
VSENSE0+
VSENSE0–
TSNS0
ITH0
ITHR0
VSENSE1+
VSENSE1–
TSNS1
ITH1
ITHR1
FAULT0
FAULT1
PGOOD0
PGOOD1
BG1
EXTVCC
SHARE_CLK
0.22µF
1µF
220pF
10nF
10nF
VOUT1
1V
30A
330µF
×2
330µF
×2
3884 TA01a
4700pF
VOUT0
1.8V
30A
2200pF
*SOME DETAILS OMITTED FOR CLARITY
0.22µF
931
931
ISENSE0+
ISENSE1+
ISENSE0–
ISENSE1–
PMBus
INTERFACE
4.7µF
10µF
×2
10µF
×2
2m
1µF
270µF
×2
1
VIN
6V TO 15V
0.1µF
0.1µF
DCR=0.32m
L=0.33µH
DCR=0.32m
VIN
LTC3884*
SGND
PGND
VDD33
VDD25
IIN+
IIN–
1µF
220pF
L= 0.33µH
VIN = 12V
VOUT = 1.8V
EXTVCC=0
fSW=350kHz
EFFICIENCY
POWER LOSS
LOAD CURRENT (A)
0
5
10
15
20
25
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
3884 TA01b


Similar Part No. - LTM4675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4675 LINER-LTM4675 Datasheet
1Mb / 28P
Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
LTM4675 LINER-LTM4675 Datasheet
1Mb / 34P
30A DC/DC Step-Down 關Module Regulator
LTM4675 LINER-LTM4675 Datasheet
2Mb / 136P
Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTM4675 LINER-LTM4675 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
More results

Similar Description - LTM4675

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3874 LINER-LTC3874_15 Datasheet
542Kb / 28P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3886 LINER-LTC3886_15 Datasheet
2Mb / 116P
60V Dual Output Step-Down Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3874-1 LINER-LTC3874-1 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com