Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 43 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 39Page - Linear Technology LTM4675 Datasheet HTML 40Page - Linear Technology LTM4675 Datasheet HTML 41Page - Linear Technology LTM4675 Datasheet HTML 42Page - Linear Technology LTM4675 Datasheet HTML 43Page - Linear Technology LTM4675 Datasheet HTML 44Page - Linear Technology LTM4675 Datasheet HTML 45Page - Linear Technology LTM4675 Datasheet HTML 46Page - Linear Technology LTM4675 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
LTC3884/LTC3884-1
43
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND SUMMARY
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS
NVM
DEFAULT
VALUE PAGE
USER_DATA_01
0xB1 Manufacturer reserved for LTpowerPlay.
R/W Word
Y
Reg
Y
NA
101
USER_DATA_02
0xB2 OEM RESERVED. Typically used for part
serialization.
R/W Word
N
Reg
Y
NA
101
USER_DATA_03
0xB3 An NVM word available for the user.
R/W Word
Y
Reg
Y
0x0000
101
USER_DATA_04
0xB4 An NVM word available for the user.
R/W Word
N
Reg
Y
0x0000
101
MFR_INFO
0xB6 Manufacturing specific information.
R Word
N
Reg
109
MFR_EE_UNLOCK
0xBD Contact factory.
118
MFR_EE_ERASE
0xBE Contact factory.
118
MFR_EE_DATA
0xBF Contact factory.
118
MFR_CHAN_CONFIG
0xD0 Configuration bits that are channel specific.
R/W Byte
Y
Reg
Y
0x1D
75
MFR_CONFIG_ALL
0xD1 General configuration bits.
R/W Byte
N
Reg
Y
0x21
76
MFR_FAULT_
PROPAGATE
0xD2 Configuration that determines which faults are
propagated to the FAULT pin.
R/W Word
Y
Reg
Y
0x6993
98
MFR_PWM_COMP
0xD3 PWM loop compensation configuration
R/W Byte
Y
Reg
Y
0xAE
79
MFR_PWM_MODE
0xD4 Configuration for the PWM engine.
R/W Byte
Y
Reg
Y
0xC7
78
MFR_FAULT_RESPONSE 0xD5 Action to be taken by the device when the
FAULT pin is externally asserted low.
R/W Byte
Y
Reg
Y
0xC0
100
MFR_OT_FAULT_
RESPONSE
0xD6 Action to be taken by the device when an
internal overtemperature fault is detected.
R Byte
N
Reg
0xC0
96
MFR_IOUT_PEAK
0xD7 Report the maximum measured value of READ_
IOUT since last MFR_CLEAR_PEAKS.
R Word
Y
L11
A
NA
111
MFR_ADC_CONTROL
0xD8 ADC telemetry parameter selected for repeated
fast ADC read back
R/W Byte
N
Reg
0x00
112
MFR_RETRY_DELAY
0xDB Retry interval during FAULT retry mode.
R/W Word
Y
L11
ms
Y
350.0
0xFABC
91
MFR_RESTART_DELAY
0xDC Minimum time the RUN pin is held low by the
LTC3884.
R/W Word
Y
L11
ms
Y
500.0
0xFBE8
91
MFR_VOUT_PEAK
0xDD Maximum measured value of READ_VOUT
since last MFR_CLEAR_PEAKS.
R Word
Y
L16
V
NA
111
MFR_VIN_PEAK
0xDE Maximum measured value of READ_VIN since
last MFR_CLEAR_PEAKS.
R Word
N
L11
V
NA
111
MFR_TEMPERATURE_1_
PEAK
0xDF Maximum measured value of external
Temperature (READ_TEMPERATURE_1) since
last MFR_CLEAR_PEAKS.
R Word
Y
L11
C
NA
111
MFR_READ_IIN_PEAK
0xE1 Maximum measured value of READ_IIN
command since last MFR_CLEAR_PEAKS
R Word
N
L11
A
NA
111
MFR_CLEAR_PEAKS
0xE3 Clears all peak values.
Send Byte
N
NA
103
MFR_READ_ICHIP
0xE4 Measured supply current of the LTC3884
R Word
N
L11
A
NA
111
MFR_PADS
0xE5 Digital status of the I/O pads.
R Word
N
Reg
NA
108
MFR_ADDRESS
0xE6 Sets the 7-bit I2C address byte.
R/W Byte
N
Reg
Y
0x4F
75
MFR_SPECIAL_ID
0xE7 Manufacturer code representing the LTC3884
and revision
R Word
N
Reg
0x4C0X
101
MFR_IIN_CAL_GAIN
0xE8 The resistance value of the input current sense
element in mΩ.
R/W Word
N
L11
mΩ
Y
5.0
0xCA80
87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com