Electronic Components Datasheet Search
  English  ▼

X  

LTM4675 Datasheet(PDF) 27 Page - Linear Technology

Part # LTM4675
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4675 Datasheet(HTML) 27 Page - Linear Technology

Back Button LTM4675 Datasheet HTML 23Page - Linear Technology LTM4675 Datasheet HTML 24Page - Linear Technology LTM4675 Datasheet HTML 25Page - Linear Technology LTM4675 Datasheet HTML 26Page - Linear Technology LTM4675 Datasheet HTML 27Page - Linear Technology LTM4675 Datasheet HTML 28Page - Linear Technology LTM4675 Datasheet HTML 29Page - Linear Technology LTM4675 Datasheet HTML 30Page - Linear Technology LTM4675 Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
LTC3884/LTC3884-1
27
3884fe
For more information www.linear.com/LTC3884
OPERATION
temperature coefficient, approximately 3900ppm/°C. The
temperature coefficient of the inductor must be written to
the MFR_IOUT_CAL_GAIN_TC register. The external tem-
perature is sensed near the inductor and used to modify
the internal current limit circuit to maintain an essentially
constant current limit with temperature. In this application,
the ISENSEn+ pin is connected to the FET side of the DCR
sensing filter capacitor while the ISENSEn– pin is placed on
the load side of the capacitor. The current sensed from the
input is then given by the expression VDCR/DCR. VDCR is
digitized by the LTC3884’s telemetry ADC with an input
range of ±128mV, a noise floor of 7μVRMS,andapeak-peak
noise of approximately 46.5μV. The LTC3884 computes
the inductor current using the DCR value stored in the
IOUT_CAL_GAINcommandandthetemperaturecoefficient
storedincommandMFR_IOUT_CAL_GAIN_TC.Theresult-
ing current value is returned by the READ_IOUT command.
INPUT CURRENT SENSING
To sense the total input current consumed by the LTC3884
and the power stage, a resistor is placed between the sup-
ply voltage and the drain of the top N-channel MOSFET.
The IIN+ and IIN– pins are connected to the sense resistor.
The filtered voltage is amplified by the internal high side
current sense amplifier and digitized by the LTC3884’s
telemetry ADC. The input current sense amplifier has
three gain settings of 2x, 4x, and 8x set by the bit[6:5] of
the MFR_PWM_CONFIG command. The maximum input
sense voltage for the three gain settings is 50mV, 20mV,
and 5mV respectively. The LTC3884 computes the input
current using the R value stored in the IIN_CAL_GAIN
command. The resulting measured power stage current
is returned by the READ_IIN command.
The LTC3884 uses the RVIN resistor to measure the VIN
pin supply current being consumed by the LTC3884. This
valueisreturnedbytheMFR_READ_ICHIPcommand.The
chip current is calculated by using the R value stored in the
MFR_RVIN command. Refer to the subsection titled Input
Current Sense Amplifier in the Applications Information
section for further details.
PolyPhase LOAD SHARING
Multiple LTC3884s can be arrayed in order to provide a
balanced load-share solution by bussing the necessary
pins. Figure 4 illustrates the shared connections required
for load sharing.
Ifanexternaloscillatorisnotprovided,theSYNCpinshould
only be enabled on one of the LTC3884s. The other(s)
should be programmed to disable SYNC using bit 4 of
MFR_CONFIG_ALL. If an external oscillator is present, the
chip with the SYNC pin enabled will detect the presence
of the external clock and disable its output.
Multiple chips need to tie all the VSENSE+ pins together, and
all the VSENSE– pins together, and ITHR and ITH together
as well.
EXTERNAL/INTERNAL TEMPERATURE SENSE
Externaltemperaturecanbestbemeasuredusingaremote,
diode-connected PNP transistor such as the MMBT3906.
The emitter should be connected to a TSNS pin while the
base and collector terminals of the PNP transistor should
be returned directly to the LTC3884 SGND pin. Two dif-
ferent currents are applied to the diode (nominally 2μA
and 32μA) and the temperature is calculated from a ∆VBE
measurement made with the internal 16-bit monitor ADC
(see Figure 5).
Figure 5. Temperature Sense Circuit
TSNS
MMBT3906
LTC3884
10nF
SGND
SGND
3884 F05
The LTC3884 also supports direct VBE based external
temperature measurements. In this case the diode or di-
ode network is trimmed to a specific voltage at a specific
current and temperature. In general this method does not
yield as accurate result as the single PNP transistor ∆VBE
method, but may function better in a noisy application.
Refer to MFR_PWM_MODE in the PMBus Command De-
tails section for additional information on programming
the LTC3884 for these two external temperature sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com